Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM65 Datasheet(PDF) 1 Page - Recom International Power

Part # RACM65
Description  Suitable for built in Class II Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65 Datasheet(HTML) 1 Page - Recom International Power

  RACM65 Datasheet HTML 1Page - Recom International Power RACM65 Datasheet HTML 2Page - Recom International Power RACM65 Datasheet HTML 3Page - Recom International Power RACM65 Datasheet HTML 4Page - Recom International Power RACM65 Datasheet HTML 5Page - Recom International Power RACM65 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MED-1
REV.: 2/2016
www.recom-power.com
65 Watt
Enclosed &
Open Frame
Case Style
Single Output
AC/DC Converter
Features
Regulated
Converters
• Long 5 Year Warranty
• 2MOPP/250VAC
• Suitable for built in Class II Applications
• Wide Input Voltage Range (85-264VAC)
• Low Leakage Current (<75µA)
• 5000m Operation
• -40°C to +85°C Operating Temperature
RACM65
2MOPP
250VAC
IEC/EN-60601 Certified
ANSI/AAMI ES-60601 Certified
EN-55011
EN-55022
Description
The RACM65 is a compact 3” x 2” high efficiency AC/DC power supply with 2xMOPP safety
approval for medical applications. These space saving enclosed power supplies have an universal input
voltage range (85-264VAC), 4kVAC isolation, require no minimum load and can be used at ambient
temperatures of between -40°C and +85°C. The 5V, 12V, 15V, 24V or 48V output voltages are
fully protected and have tolerances of less than ±0.2% over the entire input
voltage range and less than ±0.5% over the entire load range. The output voltage can be
trimmed over a ±10% range. The RACM65 series is certified to medical safety standard
IEC/ES/EN-60601-1 3rd Edition and feature BF rated outputs with less than 75µA leakage current. It has
a built-in Class B EMI filter and comes with a 5 year warranty.
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage Range
Voltage
Current
typ.
(VAC)
(VDC)
(A)
(%)
RACM65-05S (1,2)
85-264
5
10
90
RACM65-12S (1,2)
85-264
12
5.42
92.5
RACM65-15S (1,2)
85-264
15
4.34
93.5
RACM65-24S (1,2)
85-264
24
2.71
93.5
RACM65-48S (1,2)
85-264
48
1.36
93
5 YEAR
warranty
5
E314885
Examples:
RACM65-12S
= 12Vout, standard enclosed case
RACM65-48S/OF
= 24Vout, open frame style
RACD65-15S/OF-ST = 15Vout, open frame style with screw terminal connection
Connections (2)
Case Style (1)
Output Power
Output Voltage
Single
Model Numbering
RACM65- __ S / __-__
Notes:
Note1:
Case Style:
without suffix, standard enclosed case
add suffix “/OF” for open frame style
Note2:
Connections: without suffix, standard connection with connector
with suffix “-ST” connection with screw terminals


Similar Part No. - RACM65

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM65-05S RECOM-RACM65-05S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-12S RECOM-RACM65-12S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-15S RECOM-RACM65-15S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-24S RECOM-RACM65-24S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-48S RECOM-RACM65-48S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
More results

Similar Description - RACM65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DFBM-CM221 ETC1-DFBM-CM221 Datasheet
379Kb / 9P
A Class 2 Bluetooth module suitable for MP3 applications.
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
A Class 2 Bluetooth module suitable for various applications.
DLBM-CS220 DELTA-DLBM-CS220 Datasheet
93Kb / 11P
A Class 2 Bluetooth V1.2 HCI module Suitable for various applications.
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
Compact SSRs Ideal for Built-in Applications
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
Suitable for high vibration applications
logo
PHOENIX CONTACT
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
Built in thermometer for HVAC applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com