Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM65 Datasheet(PDF) 3 Page - Recom International Power

Part # RACM65
Description  Suitable for built in Class II Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65 Datasheet(HTML) 3 Page - Recom International Power

  RACM65 Datasheet HTML 1Page - Recom International Power RACM65 Datasheet HTML 2Page - Recom International Power RACM65 Datasheet HTML 3Page - Recom International Power RACM65 Datasheet HTML 4Page - Recom International Power RACM65 Datasheet HTML 5Page - Recom International Power RACM65 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Humidity
non-condensing
5% to 95% RH
Temperature Coefficient
±0.02% / °C
Operating Temperature Range
with derating
-40°C to +85°C
Operating Altitude
5000m max.
MTBF
according to MIL-HDBK-217F, full load, +25°C
1494 x 103 hours
AC/DC Converter
MED-3
REV.: 2/2016
www.recom-power.com
Specifications (measured at Ta= 25°C, 250VAC, full load and after warm-up)
RACM65
Series
-40
100
80
70 75 85
30
60
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
230VAC
115VAC
-40
100
80
75 85
30
60
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
230VAC
115VAC
Derating Graph
RACM65-05,12,48S(/OF)
RACM65-15,24S(/OF)
PROTECTIONS
Parameter
Condition
Value
Input Fuse
internal line
neutral
T3.15A / 250VAC, slow blow type
T3.15A / 250VAC, slow blow type
Short Circuit Protection (SCP)
continuous, auto-recovery
Over Load Protection (OLP)
% of Iout rated (Hiccup)
145% typ.
Over Voltage Protection (OVP)
% of Vout nominal (Latch off)
125% min / 140% max.
Isolation Voltgage
(2MOPP insulation)
I/P to O/P
I/P to Chassis, O/P to Chassis
working voltage
4kVAC / 1 minunte
2.5kVAC / 1 minute
250VAC / continuous
Means of Protection
2MOPP
Leakage Current
264VAC
75µA max.
Medical Device Classification
Type BF applied device
Internal Clearance
Creepage
I/P to O/P
I/P to O/P
8mm min.
8mm min.
Isolation Resistance
500VDC
100M
W min.
Insulation Grade
Reinforced Insulation
REGULATIONS
Parameter
Condition
Value
Set Voltage Accuracy
230VAC, full load
±1%
Line Voltage Regulation
low line to high line, full load
±0.2%
Load Voltage Regulation
0% to 100% load
10% to 90% load
5VDC
others
5VDC
others
±0.7%
±0.5%
±0.6%
±0.4%
Output Voltage Trim
on-board trimpot.
±10%
Transient Peak Deviation
load step from 50% - 75% change at 2.5A/µs
3% Vout max.
Transient Recovery Time
load step from 50% - 75% change at 2.5A/µs
600µs typ.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com