Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM65 Datasheet(PDF) 5 Page - Recom International Power

Part # RACM65
Description  Suitable for built in Class II Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65 Datasheet(HTML) 5 Page - Recom International Power

  RACM65 Datasheet HTML 1Page - Recom International Power RACM65 Datasheet HTML 2Page - Recom International Power RACM65 Datasheet HTML 3Page - Recom International Power RACM65 Datasheet HTML 4Page - Recom International Power RACM65 Datasheet HTML 5Page - Recom International Power RACM65 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
continued on next page
76.2
FC 84.2
91.4
3.5
51.3
M3 screws
logo embossed
Trim Adj.
AC/DC Converter
MED-5
REV.: 2/2016
www.recom-power.com
Specifications (measured at Ta= 25°C, 250VAC, full load and after warm-up)
RACM65
Series
FC 69.8
Trim Adj.
44.0
76.2
Ø3.2
Dimension Drawing Open Frame (/OF) (mm)
Top View
Side View
Side View
Bottom View
AC Input Connector (CON1)
Pin#
Terminal
Mating Housing
1 AC/N
3 AC/L
Molex KK156
(SD-2478)
Molex KK156
(09508031)
DC Output Connector (CON2)
Pin#
Terminal
Mating Housing
1,2 V-
3,4 V+
Molex KK156
(SD-2478)
Molex KK156
(09508041)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com