Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM65 Datasheet(PDF) 4 Page - Recom International Power

Part # RACM65
Description  Suitable for built in Class II Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65 Datasheet(HTML) 4 Page - Recom International Power

  RACM65 Datasheet HTML 1Page - Recom International Power RACM65 Datasheet HTML 2Page - Recom International Power RACM65 Datasheet HTML 3Page - Recom International Power RACM65 Datasheet HTML 4Page - Recom International Power RACM65 Datasheet HTML 5Page - Recom International Power RACM65 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Package Dimension (LxWxH)
Enclosed Case
Open Frame
91.4 x 60.5 x 33.3mm
76.2 x 50.8 x 26.5mm
Package Weight
Enclosed Case
Open Frame + “-ST” Version
172g
137g
Case Material
enclosed case
Aluminum
continued on next page
76.2
FC 84.2
91.4
3.5
51.3
M3 screws
logo embossed
Trim Adj.
MED-4
REV.: 2/2016
www.recom-power.com
Specifications (measured at Ta= 25°C, 250VAC, full load and after warm-up)
RACM65
Series
Dimension Drawing Enclosed Case (mm)
Top View
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
IEC/EN Medical Safety (CB Scheme)
151101302
IEC60601-1, 3rd Edition, 2012
EN60601-1, 3rd Edition, 2014
ANSI/AAMI Medical Safety
ES60601-1, 2012
Risk Managment
151101301_2037
ISO 14971:2007
EN ISO 14971:2012
EMC Compliance
Condition
Standard / Criterion
EMI Standard
EN55011 + EN55022 + FCC18, Class B
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Power Frequency Magnetic Field
Air ±8kV; Contact ±6kV
20V/m
±2kV
L-N ±1kV and L-GND/N-GND ±2kV
20Vr.m.s
10A/m
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
Harmonic Current
full load
EN61000-3-2, Class A
Voltage Flicker
EN61000-3-3
Shock
IEC60068-2-27
Vibration
IEC60068-2-6
Dip and Interruptions,
230VAC 50Hz
30%
500ms
60%
100ms
>95%
10ms
>95% 5000ms
EN60601-1-2, Criteria A
EN60601-1-2, Criteria A
EN60601-1-2, Criteria A
EN60601-1-2, Criteria B
AC Input Connector (CON1)
Pin#
Terminal
Mating Housing
1 AC/N
3 AC/L
Molex KK156
(SD-2478)
Molex KK156
(09508031)
DC Output Connector (CON2)
Pin#
Terminal
Mating Housing
1,2 V-
3,4 V+
Molex KK156
(SD-2478)
Molex KK156
(09508041)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com