Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM65 Datasheet(PDF) 2 Page - Recom International Power

Part # RACM65
Description  Suitable for built in Class II Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM65 Datasheet(HTML) 2 Page - Recom International Power

  RACM65 Datasheet HTML 1Page - Recom International Power RACM65 Datasheet HTML 2Page - Recom International Power RACM65 Datasheet HTML 3Page - Recom International Power RACM65 Datasheet HTML 4Page - Recom International Power RACM65 Datasheet HTML 5Page - Recom International Power RACM65 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage
85VAC
100VDC (3)
230VAC
264VAC
370VDC
Input Current
115VAC, fulll load
230VAC, full load
1.6A
0.9A
Inrush Current
cold start, 230VAC
60A
Input Power @ No Load
0.11W
Input Frequency Range
AC Input
50/60Hz
440Hz (3)
Start-up Time
1 Second
Rise Time
20ms
Hold up Time
115VAC, full load
16ms
Minimum Load
0%
Operating Frequency Range
5VDC, 230VAC
others, 230VAC
60kHz
120kHz
Output Ripple and Noise
(measured @ 20MHz BW)
5VDC, 12VDC and 15VDC with 10µF/25V MLCC
24VDC, with 1µF/50V MLCC
48VDC, with 0.1µF/100V MLCC
75mVp-p
75mVp-p
150mVp-p
20
10
40
30
70
60
50
80 90 100
Load [%]
88
86
90
92
94
96
115VAC
230VAC
50% Load
100% Load
85
20
40
60
80
100
125
100
115
130
145
160
175
264
Input Voltage [VAC]
85
86
88
90
92
94
96
125 145
185 205
245
105
165
225
264
Input Voltage [VAC]
20
0
60
40
80
100
Load [%]
-1
0
1
115VAC
230VAC
AC/DC Converter
MED-2
REV.: 2/2016
www.recom-power.com
Specifications (measured at Ta= 25°C, 250VAC, full load and after warm-up)
Efficiency vs. Load
Efficiency vs. Input Voltage
Load vs. Input Voltage
Vout Deviation vs. Load
RACM65
Series
RACM65-24
Notes:
Note3: Confirmed performance, but not covered in certificates. 100V inpult voltage with derating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com