Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKS-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8627AKS-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8627AKS-R2 Datasheet HTML 1Page - Analog Devices AD8627AKS-R2 Datasheet HTML 2Page - Analog Devices AD8627AKS-R2 Datasheet HTML 3Page - Analog Devices AD8627AKS-R2 Datasheet HTML 4Page - Analog Devices AD8627AKS-R2 Datasheet HTML 5Page - Analog Devices AD8627AKS-R2 Datasheet HTML 6Page - Analog Devices AD8627AKS-R2 Datasheet HTML 7Page - Analog Devices AD8627AKS-R2 Datasheet HTML 8Page - Analog Devices AD8627AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability. Absolute maximum ratings apply at
25°C, unless otherwise noted.
Table 3. Stress Ratings
Parameter
Rating
Supply Voltage
27 V
Input Voltage
VS– to VS+
Differential Input Voltage
± Supply Voltage
Output Short Circuit Duration
Indefinite
Storage Temperature Range, R Package
–65°C to + 125°C
Operating Temperature Range
–40°C to + 85°C
Junction Temperature Range, R Package
–65°C to 150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Table 4.
Package Type
θJA 1
θJC
Unit
5-Lead SC70 (KS)
376
126
°C/W
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
1 θJA is specified for worst case conditions when devices are soldered in circuit
boards for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com