Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKS-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8627AKS-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8627AKS-R2 Datasheet HTML 2Page - Analog Devices AD8627AKS-R2 Datasheet HTML 3Page - Analog Devices AD8627AKS-R2 Datasheet HTML 4Page - Analog Devices AD8627AKS-R2 Datasheet HTML 5Page - Analog Devices AD8627AKS-R2 Datasheet HTML 6Page - Analog Devices AD8627AKS-R2 Datasheet HTML 7Page - Analog Devices AD8627AKS-R2 Datasheet HTML 8Page - Analog Devices AD8627AKS-R2 Datasheet HTML 9Page - Analog Devices AD8627AKS-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS–AD8627/AD8626/AD8625
VOLTAGE (
µV)
25
20
0
–600
–400
–200
0
200
400
600
15
10
5
VSY = ±12V
TA = 25°C
Figure 2. Input Offset Voltage
OFFSET VOLTAGE (
µV/°C)
12
0
012
34
567
89
10
6
4
2
8
10
VSY = ±13V
Figure 3. Offset Voltage Drift
VOLTAGE (
µV)
18
16
14
12
10
8
6
4
2
0
–400
–300
–200
–100
0
100
200
300
VSY = +3.5V/–1.5V
Figure 4. Input Offset Voltage
OFFSET VOLTAGE (
µV/°C)
16
14
12
10
8
6
4
2
0
012
3
456
7
89
10
VSY = +3.5V/–1.5V
Figure 5. Offset Voltage Drift
VCM (V)
50
–50
–40
–30
–20
–10
0
10
20
30
40
–15.0–12.5–10.0 –7.5 –5.0 –2.5
0
2.5
5.0
7.5 10.0 12.5 15.0
VSY = ±13V
TA = 25°C
Figure 6. Input Bias Current vs. VCM
VCM (V)
–0.9
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–15.0–12.5–10.0 –7.5 –5.0 –2.5
0
2.5
5.0
7.5 10.0 12.5 15.0
VSY = ±13V
TA = 25°C
Figure 7. Input Bias Current vs. VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com