Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKS-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8627AKS-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8627AKS-R2 Datasheet HTML 6Page - Analog Devices AD8627AKS-R2 Datasheet HTML 7Page - Analog Devices AD8627AKS-R2 Datasheet HTML 8Page - Analog Devices AD8627AKS-R2 Datasheet HTML 9Page - Analog Devices AD8627AKS-R2 Datasheet HTML 10Page - Analog Devices AD8627AKS-R2 Datasheet HTML 11Page - Analog Devices AD8627AKS-R2 Datasheet HTML 12Page - Analog Devices AD8627AKS-R2 Datasheet HTML 13Page - Analog Devices AD8627AKS-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 10 of 20
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
+PSRR
–PSRR
VSY =5V
Figure 26. PSRR vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = 100
G = 1
G = 10
VSY = ±13V
Figure 27. Output Impedance vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = 100
G = 1
G = 10
VSY =5V
Figure 28. Output Impedance vs. Frequency
TIME (400
µs/DIV)
INPUT
OUTPUT
VSY = ±13V
Figure 29. No Phase Reversal
SETTLING TIME (
µs)
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.5
2.0
TS + (1%)
TS + (0.1%)
TS – (1%)
TS – (0.1%)
Figure 30. Output Swing and Error vs. Settling Time
CAPACITANCE (pF)
0
10
60
50
40
30
20
70
10
100
1k
OS–
OS+
VS = ±13V
RL = 10kΩ
VIN = 100mV p-p
AV = +1
Figure 31. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com