Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKS-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8627AKS-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8627AKS-R2 Datasheet HTML 7Page - Analog Devices AD8627AKS-R2 Datasheet HTML 8Page - Analog Devices AD8627AKS-R2 Datasheet HTML 9Page - Analog Devices AD8627AKS-R2 Datasheet HTML 10Page - Analog Devices AD8627AKS-R2 Datasheet HTML 11Page - Analog Devices AD8627AKS-R2 Datasheet HTML 12Page - Analog Devices AD8627AKS-R2 Datasheet HTML 13Page - Analog Devices AD8627AKS-R2 Datasheet HTML 14Page - Analog Devices AD8627AKS-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 11 of 20
CAPACITANCE (pF)
0
10
50
40
30
20
70
60
10
100
1k
OS–
OS+
VS = ±2.5V
RL = 10kΩ
VIN = 100mV p-p
AV = +1
Figure 32. Small Signal Overshoot vs. Load Capacitance
TIME (1s/DIV)
VSY = ±3V
AVO = 100,000V/V
0
Figure 33. 0.1 Hz to 10 Hz Noise
TIME (1s/DIV)
0
VSY = ±2.5V
AVO = 100,000V/V
Figure 34. 0.1 Hz to 10 Hz Noise
FREQUENCY (kHz)
01
2345
6789
10
28
35
42
49
56
21
14
7
0
VSY = ±13V
19.7nV/ Hz
Figure 35. Voltage Noise Density
FREQUENCY (kHz)
01
2345
6789
10
28
35
42
49
56
21
14
7
0
VSY = 5V
16.7nV/ Hz
Figure 36. Voltage Noise Density
FREQUENCY (Hz)
10
100
1k
10k
100k
–40
–110
–100
–90
–80
–70
–60
–50
VSY = ±5V, VIN = 9V p-p
VSY = ±13V, VIN = 18V p-p
VSY = ±2.5V, VIN = 4.5V p-p
Figure 37. Total Harmonic Distortion + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com