Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKS-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8627AKS-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8627AKS-R2 Datasheet HTML 1Page - Analog Devices AD8627AKS-R2 Datasheet HTML 2Page - Analog Devices AD8627AKS-R2 Datasheet HTML 3Page - Analog Devices AD8627AKS-R2 Datasheet HTML 4Page - Analog Devices AD8627AKS-R2 Datasheet HTML 5Page - Analog Devices AD8627AKS-R2 Datasheet HTML 6Page - Analog Devices AD8627AKS-R2 Datasheet HTML 7Page - Analog Devices AD8627AKS-R2 Datasheet HTML 8Page - Analog Devices AD8627AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 3 of 20
AD8627/AD8626/AD8625–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Table 1. @VS = 5 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.05
0.5
mV
−40°C < TA < +85°C
1.2
mV
Input Bias Current
IB
0.25
1
pA
–40°C < TA < +85°C
60
pA
Input Offset Current
IOS
0.5
pA
–40°C < TA < +85°C
25
pA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.5 V
66
87
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 V to 4.5 V
100
230
V/mV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +85°C
2.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
4.92
V
IL = 2 mA, –40°C < TA < +85°C
4.90
V
Output Voltage Low
VOL
0.075
V
IL = 2 mA, –40°C < TA < +85°C
0.08
V
Output Current
IOUT
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 26 V
80
104
dB
Supply Current/Amplifier
ISY
630
785
µA
–40°C < TA < +85°C
800
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
5
V/µs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
ØM
60
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.9
µV p-p
Voltage Noise Density
en
f = 1 kHz
17.5
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.4
fA/√Hz
Channel Separation
Cs
f = 1 kHz
104
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com