Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1216 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 2Page - Texas Instruments ADS1216 Datasheet HTML 3Page - Texas Instruments ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments ADS1216 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADS1216
6
SBAS171B
25
XIN
Clock Input
26
XOUT
Clock Output, used with crystal or resonator.
27
PDWN
Active LOW. Power Down. The power down
function shuts down the analog and digital
circuits.
28
POL
Serial Clock Polarity
29
DSYNC
Active LOW, Synchronization Control
30
DGND
Digital Ground
31
DVDD
Digital Power Supply
32
DRDY
Active LOW, Data Ready
33
CS
Active LOW, Chip Select
34
SCLK
Serial Clock, Schmitt Trigger
35
DIN
Serial Data Input, Schmitt Trigger
36
DOUT
Serial Data Output
37-44
D0-D7
Digital I/O 0-7
45
AGND
Analog Ground
46
VREFOUT
Voltage Reference Output
47
VREF+
Positive Differential Reference Input
48
VREF–
Negative Differential Reference Input
PIN CONFIGURATION
PIN
NUMBER
NAME
DESCRIPTION
1AVDD
Analog Power Supply
2
AGND
Analog Ground
3AIN0
Analog Input 0
4AIN1
Analog Input 1
5AIN2
Analog Input 2
6AIN3
Analog Input 3
7AIN4
Analog Input 4
8AIN5
Analog Input 5
9AIN6
Analog Input 6
10
AIN7
Analog Input 7
11
AINCOM
Analog Input Common
12
AGND
Analog Ground
13
AVDD
Analog Power Supply
14
VRCAP
VREF Bypass CAP
15
IDAC1
Current DAC1 Output
16
IDAC2
Current DAC2 Output
17
RDAC
Current DAC Resistor
18-22
DGND
Digital Ground
23
BUFEN
Buffer Enable
24
RESET
Active LOW, resets the entire chip.
PIN DESCRIPTIONS
PIN
NUMBER
NAME
DESCRIPTION
24
23
22
21
20
19
18
17
16
15
14
13
RESET
BUFEN
DGND
DGND
DGND
DGND
DGND
R
DAC
IDAC2
IDAC1
V
RCAP
AV
DD
37
38
39
40
41
42
43
44
45
46
47
48
D0
D1
D2
D3
D4
D5
D6
D7
AGND
V
REFOUT
V
REF+
V
REF–
36
35
34
33
32
31
30
29
28
27
26
123456789
10
11
25
12
ADS1216
Top View
TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com