Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1216 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1216 Datasheet HTML 1Page - Texas Instruments ADS1216 Datasheet HTML 2Page - Texas Instruments ADS1216 Datasheet HTML 3Page - Texas Instruments ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
ADS1216
SBAS171B
ELECTRICAL CHARACTERISTICS: AVDD = 5V (Cont.)
All specifications TMIN to TMAX, AVDD = +5V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 150kΩ, fDATA = 10Hz,
VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
ADS1216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE INPUT
Reference Input Range
REF IN+, REF IN–
AGND
AVDD
V
VREF
VREF ≡ (REF IN+) – (REF IN–)
0.1
2.5
2.6
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias Current(3)
VREF = 2.5V
1.3
µA
ON-CHIP VOLTAGE REFERENCE
Output Voltage
REF HI = 1
2.4
2.50
2.6
V
REF HI = 0
1.25
V
Short-Circuit Current Source
8mA
Short-Circuit Current Sink
50
µA
Short-Circuit Duration
Sink or Source
Indefinite
Drift
15
ppm/
°C
Noise
VRCAP = 0.1µF, BW = 0.1Hz to 100Hz
10
µVp-p
Output Impedance
Sourcing 100
µA3
Ω
Startup Time
50
µs
IDAC
Full-Scale Output Current
RDAC = 150kΩ, Range = 1
0.5
mA
RDAC = 150kΩ, Range = 2
1
mA
RDAC = 150kΩ, Range = 3
2
mA
RDAC = 15kΩ, Range = 3
20
mA
Maximum Short-Circuit Current Duration
RDAC = 10kΩ
Indefinite
RDAC = 0Ω
10
Minute
Monotonicity
RDAC = 150kΩ
8
Bits
Compliance Voltage
0AVDD – 1
V
Output Impedance
See Typical Characteristics
PSRR
VOUT = AVDD /2
400
ppm/V
Absolute Error
Individual IDAC
5
%
Absolute Drift
Individual IDAC
75
ppm/
°C
Mismatch Error
Between IDACs, Same Range and Code
0.25
%
Mismatch Drift
Between IDACs, Same Range and Code
15
ppm/
°C
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD
4.75
5.25
V
Analog Current (IADC + IVREF + IDAC)
PDWN = 0, or SLEEP
1
nA
ADC Current (IADC)
PGA = 1, Buffer OFF
140
225
µA
PGA = 128, Buffer OFF
430
650
µA
PGA = 1, Buffer ON
180
275
µA
PGA = 128, Buffer ON
800
1250
µA
VREF Current (IVREF)
250
375
µA
IDAC Current (IDAC)
Excludes Load Current
480
675
µA
Digital Current
Normal Mode, DVDD = 5V
180
275
µA
SLEEP Mode, DVDD = 5V
150
µA
Read Data Continuous Mode, DVDD = 5V
230
µA
PDWN
1
nA
Power Dissipation
PGA = 1, Buffer OFF, REFEN = 0,
1.6
2.5
mW
IDACS OFF, DVDD = 5V
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
NOTES: (1) Calibration can minimize these errors. (2)
∆ V
OUT is change in digital result. (3) 12pF switched capacitor at fSAMP clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com