Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1216 Datasheet HTML 1Page - Texas Instruments ADS1216 Datasheet HTML 2Page - Texas Instruments ADS1216 Datasheet HTML 3Page - Texas Instruments ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-Channel, 24-Bit
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS NO MISSING CODES
q 0.0015% INL
q 22 BITS EFFECTIVE RESOLUTION
(PGA = 1), 19 BITS (PGA = 128)
q PGA FROM 1 TO 128
q SINGLE CYCLE SETTLING MODE
q PROGRAMMABLE DATA OUTPUT RATES
UP TO 1kHz
q ON-CHIP 1.25V/2.5V REFERENCE
q EXTERNAL DIFFERENTIAL REFERENCE
OF 0.1V TO 2.5V
q ON-CHIP CALIBRATION
q SPI™ COMPATIBLE
q 2.7V TO 5.25V
q < 1mW POWER CONSUMPTION
DESCRIPTION
The ADS1216 is a precision, wide dynamic range, delta-sigma, Analog-
to-Digital (A/D) converter with 24-bit resolution operating from 2.7V to
5.25V supplies. The delta-sigma, A/D converter provides up to 24 bits of
no missing code performance and effective resolution of 22 bits.
The eight input channels are multiplexed. Internal buffering can be
selected to provide a very high input impedance for direct connection to
transducers or low-level voltage signals. Burn out current sources are
provided that allow for the detection of an open or shorted sensor. An 8-
bit Digital-to-Analog (D/A) converter provides an offset correction with
a range of 50% of the FSR (Full-Scale Range).
The PGA (Programmable Gain Amplifier) provides selectable gains
of 1 to 128 with an effective resolution of 19 bits at a gain of 128.
The A/D conversion is accomplished with a second-order delta-
sigma modulator and programmable sinc filter. The reference input
is differential and can be used for ratiometric cancellation. The on-
board current DACs (Digital-to-Analog Converters) operate inde-
pendently with the maximum current set by an external resistor.
The serial interface is SPI compatible. Eight bits of digital I/O are
also provided that can be used for input or output. The ADS1216 is
designed for high-resolution measurement applications in smart
transmitters, industrial process control, weight scales, chromatogra-
phy, and portable instrumentation.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q LIQUID/GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTATION
q WEIGHT SCALES
q PRESSURE TRANSDUCERS
ADS1
216
SPI is a registered trademark of Motorola.
BUF
PGA
A = 1:128
+
1.25V or
2.5V
Reference
Clock Generator
Registers
Serial Interface
2nd-Order
Modulator
RAM
Digital I/O
Interface
AGND
AV
DD
IN+
IN–
R
DAC
V
REFOUT
V
RCAP
V
REF+
V
REF–
X
IN
X
OUT
DSYNC
PDWN
RESET
DRDY
D7
BUFEN
DGND
DV
DD
...
D0
SCLK
POL
D
IN
D
OUT
CS
MUX
A
IN0
A
IN1
A
IN2
A
IN3
A
IN4
A
IN5
A
IN6
A
IN7
A
INCOM
IDAC1
Controller
Program-
mable
Digital
Filter
2
µA
AV
DD
8-Bit
IDAC
IDAC2
8-Bit
IDAC
Offset
DAC
AGND
2
µA
ADS1216
SBAS171B – JUNE 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1216 TI1-ADS1216 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI1-ADS1216Y/250 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250G4 TI1-ADS1216Y/250G4 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/2K TI1-ADS1216Y/2K Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/2KG4 TI1-ADS1216Y/2KG4 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1216

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com