Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1216 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 17Page - Texas Instruments ADS1216 Datasheet HTML 18Page - Texas Instruments ADS1216 Datasheet HTML 19Page - Texas Instruments ADS1216 Datasheet HTML 20Page - Texas Instruments ADS1216 Datasheet HTML 21Page - Texas Instruments ADS1216 Datasheet HTML 22Page - Texas Instruments ADS1216 Datasheet HTML 23Page - Texas Instruments ADS1216 Datasheet HTML 24Page - Texas Instruments ADS1216 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
ADS1216
SBAS171B
SELFCAL
Offset and Gain Self Calibration
Description: Starts the process of self calibration. The Offset
Control Register (OCR) and the Full-Scale Register (FSR) are
updated with new values after this operation.
Operands:
None
Bytes:
1
Encoding:
1111 0000
Data Transfer Sequence:
SELFOCAL Offset Self Calibration
Description: Starts the process of self-calibration for offset.
The Offset Control Register (OCR) is updated after this
operation.
Operands:
None
Bytes:
1
Encoding:
1111 0001
Data Transfer Sequence:
SELFGCAL Gain Self Calibration
Description: Starts the process of self-calibration for gain.
The Full-Scale Register (FSR) is updated with new values
after this operation.
Operands:
None
Bytes:
1
Encoding:
1111 0010
Data Transfer Sequence:
SYSOCAL
System Offset Calibration
Description: Starts the system offset calibration process. For
a system offset calibration the input should be set to 0V
differential, and the ADS1216 computes the OCR register
value that will compensate for offset errors. The Offset
Control Register (OCR) is updated after this operation.
Operands:
None
Bytes:
1
Encoding:
1111 0011
Data Transfer Sequence:
SYSGCAL
System Gain Calibration
Description: Starts the system gain calibration process. For a
system gain calibration, the differential input should be set to
the reference voltage and the ADS1216 computes the FSR
register value that will compensate for gain errors. The FSR is
updated after this operation.
Operands:
None
Bytes:
1
Encoding:
1111 0100
Data Transfer Sequence:
D
IN
1111 0000
D
OUT
xxxx xxxx
D
IN
1111 0001
D
OUT
xxxx xxxx
D
IN
1111 0010
D
OUT
xxxx xxxx
D
IN
1111 0011
D
OUT
xxxx xxxx
D
IN
1111 0100
D
OUT
xxxx xxxx
CSARAM
Calculate Checksum for all
RAM Banks
Description: Calculate the checksum of all RAM Banks. The
checksum is calculated as a sum of all the bytes with the carry
ignored. All bits are included in the checksum calculation,
there is no masking of bits.
Operands:
None
Bytes:
1
Encoding:
1110 1000
Data Transfer Sequence:
D
IN
1110 1000
D
OUT
xxxx xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com