Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1216 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1216 Datasheet HTML 1Page - Texas Instruments ADS1216 Datasheet HTML 2Page - Texas Instruments ADS1216 Datasheet HTML 3Page - Texas Instruments ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADS1216
2
SBAS171B
ELECTRICAL CHARACTERISTICS: AVDD = 5V
All specifications TMIN to TMAX, AVDD = +5V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 150kΩ, fDATA = 10Hz,
VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
AVDD to AGND ...................................................................... –0.3V to +6V
DVDD to DGND ...................................................................... –0.3V to +6V
Input Current ............................................................... 100mA, Momentary
Input Current ................................................................. 10mA, Continuous
AIN ................................................................... GND –0.5V to AVDD + 0.5V
AVDD to DVDD ........................................................................... –6V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
Digital Input Voltage to GND .................................... –0.3V to DVDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to DVDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –60
°C to +100°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS1216Y
TQFP-48
PFB
–40 to +85
ADS1216Y
ADS1216Y/250
Tape and Reel
""
"
"
"
ADS1216Y/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., / 2K indicates 2000 devices per reel). Ordering 2000 pieces
of “ADS1216Y/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ADS1216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–), See Block Diagram
±V
REF /PGA
V
Differential Input Impedance
Buffer OFF
5/PGA
M
Ω
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 • fDATA
Hz
Sinc2 Filter
–3dB
0.318 • fDATA
Hz
Sinc3 Filter
–3dB
0.262 • fDATA
Hz
Programmable Gain Amplifier
User Selectable Gain Ranges
1
128
Input Capacitance
9pF
Input Leakage Current
Modulator OFF, T = 25
°C5
pA
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
±V
REF /(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±10
%
Offset DAC Gain Error Drift
1
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No Missing Codes
sinc3 Filter
24
Bits
Integral Non-Linearity
End Point Fit
±0.0015
% of FS
Offset Error(1)
7.5
ppm of FS
Offset Drift(1)
0.02
ppm of FS/
°C
Gain Error(1)
0.005
%
Gain Error Drift(1)
0.5
ppm/
°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20 log(
∆V
OUT /∆VDD)
(2)
80
95
dB
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com