Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 30Page - Analog Devices ADE7758ARWZ Datasheet HTML 31Page - Analog Devices ADE7758ARWZ Datasheet HTML 32Page - Analog Devices ADE7758ARWZ Datasheet HTML 33Page - Analog Devices ADE7758ARWZ Datasheet HTML 34Page - Analog Devices ADE7758ARWZ Datasheet HTML 35Page - Analog Devices ADE7758ARWZ Datasheet HTML 36Page - Analog Devices ADE7758ARWZ Datasheet HTML 37Page - Analog Devices ADE7758ARWZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
ADE7758
Rev. A | Page 34 of 68
The maximum output frequency (APCFNUM = 0x00 and
APCFDEN = 0x00) with full-scale ac signals on one phase is
approximately 16 kHz.
The ADE7758 incorporates two registers to set the frequency
of APCF (APCFNUM[11:0] and APCFDEN[11:0]). These are
unsigned 12-bit registers that can be used to adjust the frequency
of APCF by 1/212 to 1 with a step of 1/212. For example, if the
output frequency is 1.562 kHz, while the contents of CFDIV are
0 (0x000), then the output frequency can be set to 6.103 Hz by
writing 0xFF to the CFDEN register.
If 0 is written to any of the frequency division registers, the
divider would use 1 in the frequency division. In addition, the
ratio APCFNUM/ APCFDEN should be set not greater than
one to ensure proper operation. In other words, the APCF
output frequency cannot be higher than the frequency on the
DFC output.
The output frequency has a slight ripple at a frequency equal to
twice the line frequency. This is due to imperfect filtering of the
instantaneous power signal to generate the active power signal
(see the Active Power Calculation section). Equation 5 gives an
expression for the instantaneous power signal. This is filtered by
LPF2, which has a magnitude response given by Equation 11.
()
2
2
8
1
1
f
f
H
+
=
(11)
The active power signal (output of the LPF2) can be rewritten as
()
()
( t
f
4
f
IRMS
VRMS
IRMS
VRMS
t
p
1
2
2
1
cos
8
2
1
π
×
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
+
×
×
=
)
(12)
where f1 is the line frequency, for example, 60 Hz.
From Equation 12,
()
()
()t
f
4
f
t
f
IRMS
VRMS
t
IRMS
VRMS
t
E
1
2
2
1
1
cos
8
2
1
4
–
π
×
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
+
π
×
×
×
=
(13)
From Equation 13, it can be seen that there is a small ripple in
the energy calculation due to the sin(2ωt) component. Figure 69
shows this. The ripple gets larger with larger loads. Choosing a
lower output frequency for APCF during calibration by using a
large APCFDEN value and keeping APCFNUM relatively small
can significantly reduce the ripple. Also, averaging the output
frequency over a longer period of time achieves the same results.
–
E(t)
t
Vlt
VI
× sin(4π× f
1× t)
4
π×f
1
1 +
2
2f1
8
Figure 69. Output Frequency Ripple
Line Cycle Active Energy Accumulation Mode
The ADE7758 is designed with a special energy accumulation
mode that simplifies the calibration process. By using the on-
chip zero-crossing detection, the ADE7758 updates the watt-hr
accumulation registers after an integer number of zero crossings
(Figure 70). The line active energy accumulation mode for watt-
hr accumulation is activated by setting the LWATT bit (Bit 0) of
the LCYCMODE register. The total energy over an integer
number of half-line cycles is written to the watt-hr accumulation
registers after the LINECYC number of zero crossings have
been detected. When using the line cycle accumulation mode,
the RSTREAD bit (Bit 6) of the LCYCMODE register should be
set to Logic 0.
ZXSEL0*
ZERO-CROSSING
DETECTION
(PHASE A)
ZXSEL1*
ZERO-CROSSING
DETECTION
(PHASE B)
ZXSEL2*
ZERO-CROSSING
DETECTION
(PHASE C)
*ZXSEL[0:2] ARE BITS 3 TO 5 IN THE LCYCMODE REGISTER
CALIBRATION
CONTROL
LINECYC[15:0]
WATTOS[11:0]
WG[11:0]
WDIV[7:0]
+
+
%
+
+
WATTHR[15:0]
ACCUMULATE ACTIVE POWER FOR
LINECYC NUMBER OF ZERO-CROSSINGS;
WATT-HR ACCUMULATION REGISTERS
ARE UPDATED ONCE EVERY LINECYC
NUMBER OF ZERO-CROSSINGS
ACTIVE POWER
15
0
40
0
Figure 70. ADE7758 Line Cycle Active Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com