Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 14Page - Analog Devices ADE7758ARWZ Datasheet HTML 15Page - Analog Devices ADE7758ARWZ Datasheet HTML 16Page - Analog Devices ADE7758ARWZ Datasheet HTML 17Page - Analog Devices ADE7758ARWZ Datasheet HTML 18Page - Analog Devices ADE7758ARWZ Datasheet HTML 19Page - Analog Devices ADE7758ARWZ Datasheet HTML 20Page - Analog Devices ADE7758ARWZ Datasheet HTML 21Page - Analog Devices ADE7758ARWZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
ADE7758
Rev. A | Page 18 of 68
REFIN/OUT
33nF
1k
Ω
100nF
33nF
1k
Ω
10
µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
RB
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10
µF
33nF
1k
Ω
1M
Ω
220V
33nF
1k
Ω
825
Ω
I
TO SPI BUS ONLY USED
FOR CALIBRATION
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
CURRENT
TRANSFORMER
17
VARCF
CT TURN RATIO 1800:1
CHANNEL 2 GAIN = +1
CHANNEL 1 GAIN
RB
110
Ω
25
Ω
4
2.5
Ω
8
1.25
Ω
Figure 34. Test Circuit for Integrator Off
REFIN/OUT
33nF
1k
Ω
33nF
1k
Ω
33nF
1k
Ω
33nF
1k
Ω
100nF
10
µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10
µF
33nF
1k
Ω
1M
Ω
220V
33nF
1k
Ω
825
Ω
TO SPI BUS ONLY USED
FOR CALIBRATION
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
I
di/dt SENSOR
17
VARCF
CHANNEL 1 GAIN = +8
CHANNEL 2 GAIN = +1
Figure 35. Test Circuit for Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com