Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 15Page - Analog Devices ADE7758ARWZ Datasheet HTML 16Page - Analog Devices ADE7758ARWZ Datasheet HTML 17Page - Analog Devices ADE7758ARWZ Datasheet HTML 18Page - Analog Devices ADE7758ARWZ Datasheet HTML 19Page - Analog Devices ADE7758ARWZ Datasheet HTML 20Page - Analog Devices ADE7758ARWZ Datasheet HTML 21Page - Analog Devices ADE7758ARWZ Datasheet HTML 22Page - Analog Devices ADE7758ARWZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
ADE7758
Rev. A | Page 19 of 68
THEORY OF OPERATION
ANTIALIASING FILTER
The need for this filter is that it prevents aliasing. Aliasing is an
artifact of all sampled systems. Input signals with frequency
components higher than half the ADC sampling rate distort the
sampled signal at a frequency below half the sampling rate. This
will happen with all ADCs, regardless of the architecture. The
combination of the high sampling rate ∑-∆ ADC used in the
ADE7758 with the relatively low bandwidth of the energy meter
allows a very simple low-pass filter (LPF) to be used as an
antialiasing filter. A simple RC filter (single pole) with a corner
frequency of 10 kHz produces an attenuation of approximately
40 dB at 833 kHz. This is usually sufficient to eliminate the
effects of aliasing.
ANALOG INPUTS
The ADE7758 has a total of six analog inputs divided into two
channels: current and voltage. The current channel consists of
three pairs of fully differential voltage inputs: IAP and IAN, IBP
and IBN, and ICP and ICN. These fully differential voltage
input pairs have a maximum differential signal of ±0.5 V. The
current channel has a programmable gain amplifier (PGA) with
possible gain selection of 1, 2, or 4. In addition to the PGA, the
current channels also have a full-scale input range selection for
the ADC. The ADC analog input range selection is also made
using the gain register (see Figure 38). As mentioned previously,
the maximum differential input voltage is ±0.5 V. However, by
using Bit 3 and Bit 4 in the gain register, the maximum ADC
input voltage can be set to ±0.5 V, ±0.25 V, or ±0.125 V on the
current channels. This is achieved by adjusting the ADC
reference (see the Reference Circuit section).
Figure 36 shows the maximum signal levels on the current
channel inputs. The maximum common-mode signal is
±25 mV as shown in Figure 36.
DIFFERENTIAL INPUT
V1 + V2 = 500mV MAX PEAK
+500mV
VCM
V1
IAP, IBP,
OR ICP
VCM
–500mV
COMMON-MODE
±25mV MAX
V1 + V2
V2
IAN, IBN,
OR ICN
Figure 36. Maximum Signal Levels, Current Channels, Gain = 1
The voltage channel has three single-ended voltage inputs:
VAP, VBP, and VCP. These single-ended voltage inputs have a
maximum input voltage of ±0.5 V with respect to VN. Both the
current and voltage channel have a PGA with possible gain
selections of 1, 2, or 4. The same gain is applied to all the inputs
of each channel.
Figure 37 shows the maximum signal levels on the voltage
channel inputs. The maximum common-mode signal is
±25 mV as shown in Figure 36.
SINGLE-ENDED INPUT
±500mV MAX PEAK
+500mV
AGND
VCM
V2
VAP, VBP,
OR VCP
VCM
–500mV
COMMON-MODE
±25mV MAX
VN
V2
Figure 37. Maximum Signal Levels, Voltage Channels, Gain = 1
The gain selections are made by writing to the gain register.
Bit 0 to Bit 1 select the gain for the PGA in the fully differential
current channel. The gain selection for the PGA in the single-
ended voltage channel is made via Bit 5 to Bit 6. Figure 38
shows how a gain selection for the current channel is made
using the gain register.
IAP, IBP, ICP
IAN, IBN, ICN
VIN
K
× V
IN
GAIN[7:0]
GAIN (K)
SELECTION
Figure 38. PGA in Current Channel
Figure 39 shows how the gain settings in PGA 1 (current
channel) and PGA 2 (voltage channel) are selected by various
bits in the gain register.
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNEL PGA CONTROL
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
ADDRESS: 0x23
RESERVED
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
PGA 2 GAIN SELECT
00 =
×1
01 =
×2
10 =
×4
INTEGRATOR ENABLE
0 = DISABLE
1 = ENABLE
PGA 1 GAIN SELECT
00 =
×1
01 =
×2
10 =
×4
CURRENT INPUT FULL-SCALE SELECT
00 = 0.5V
01 = 0.25V
10 = 0.125V
Figure 39. ADE7758 Analog Gain Register
Bit 7 of the gain register is used to enable the digital integrator
in the current signal path. Setting this bit will activate the digital
integrator (see the di/dt Current Sensor and Digital Integrator
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com