Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 52Page - Analog Devices ADE7758ARWZ Datasheet HTML 53Page - Analog Devices ADE7758ARWZ Datasheet HTML 54Page - Analog Devices ADE7758ARWZ Datasheet HTML 55Page - Analog Devices ADE7758ARWZ Datasheet HTML 56Page - Analog Devices ADE7758ARWZ Datasheet HTML 57Page - Analog Devices ADE7758ARWZ Datasheet HTML 58Page - Analog Devices ADE7758ARWZ Datasheet HTML 59Page - Analog Devices ADE7758ARWZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
ADE7758
Rev. A | Page 56 of 68
The communications register is an 8-bit write-only register. The
MSB determines whether the next data transfer operation is a
read or a write. The seven LSBs contain the address of the register
to be accessed. See Table 12 for a more detailed description.
Figure 89 and Figure 90 show the data transfer sequences for a
read and write operation, respectively.
On completion of a data transfer (read or write), the ADE7758
once again enters into communications mode, i.e., the next
instruction followed must be a write to the communications
register.
MULTIBYTE
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
DOUT
READ DATA
ADDRESS
0
CS
Figure 89. Reading Data from the ADE7758 via the Serial Interface
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
ADDRESS
1
CS
MULTIBYTE
READ DATA
Figure 90. Writing Data to the ADE7758 via the Serial Interface
A data transfer is completed when the LSB of the ADE7758
register being addressed (for a write or a read) is transferred to
or from the ADE7758.
ADE7758 SERIAL WRITE OPERATION
The serial write sequence takes place as follows. With the
ADE7758 in communications mode and the CS input logic low,
a write to the communications register takes place first. The
MSB of this byte transfer must be set to 1, indicating that the
next data transfer operation is a write to the register. The seven
LSBs of this byte contain the address of the register to be written
to. The ADE7758 starts shifting in the register data on the next
falling edge of SCLK. All remaining bits of register data are
shifted in on the falling edge of the subsequent SCLK pulses
(see Figure 91).
As explained earlier, the data write is initiated by a write to the
communications register followed by the data. During a data
write operation to the ADE7758, data is transferred to all on-
chip registers one byte at a time. After a byte is transferred into
the serial port, there is a finite time duration before the content
in the serial port buffer is transferred to one of the ADE7758
on-chip registers. Although another byte transfer to the serial
port can start while the previous byte is being transferred to the
destination register, this second-byte transfer should not finish
until at least 900 ns after the end of the previous byte transfer.
This functionality is expressed in the timing specification t6 (see
Figure 91). If a write operation is aborted during a byte transfer
(CS brought high), then that byte is not written to the
destination register.
Destination registers may be up to 3 bytes wide (see the
Accessing the ADE7758 On-Chip Registers section). Therefore,
the first byte shifted into the serial port at DIN is transferred to
the most significant byte (MSB) of the destination register. If
the destination register is 12 bits wide, for example, a two-byte
data transfer must take place. The data is always assumed to be
right justified; therefore, in this case, the four MSBs of the first
byte would be ignored and the four LSBs of the first byte written
to the ADE7758 would be the four MSBs of the 12-bit word.
Figure 92 illustrates this example.
DIN
SCLK
CS
t2
t3
t1
t4
t5
t7
t6
t8
COMMAND BYTE
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
1A6
A4
A5
A3
A2
A1
A0
DB7
DB0
DB7
DB0
t7
Figure 91. Serial Interface Write Timing Diagram
SCLK
DIN
X
X
X
X
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
Figure 92. 12-Bit Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com