Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7758ARWZ
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7758ARWZ Datasheet HTML 56Page - Analog Devices ADE7758ARWZ Datasheet HTML 57Page - Analog Devices ADE7758ARWZ Datasheet HTML 58Page - Analog Devices ADE7758ARWZ Datasheet HTML 59Page - Analog Devices ADE7758ARWZ Datasheet HTML 60Page - Analog Devices ADE7758ARWZ Datasheet HTML 61Page - Analog Devices ADE7758ARWZ Datasheet HTML 62Page - Analog Devices ADE7758ARWZ Datasheet HTML 63Page - Analog Devices ADE7758ARWZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
ADE7758
Rev. A | Page 60 of 68
Address
[A6:A0]
Name
R/W1
Length
Default
Value
Description
0x23
GAIN
R/W
8
0
PGA Gain Register. This register is used to adjust the gain selection for the PGA in
the current and voltage channels (see the Analog Inputs section).
0x24
AVRMSGAIN
R/W
12
0
Phase A VRMS Gain Register. The range of the voltage rms calculation can be
adjusted by writing to this register. It has an adjustment range of ±50% with a
resolution of 0.0244%/LSB.
0x25
BVRMSGAIN
R/W
12
0
Phase B VRMS Gain Register.
0x26
CVRMSGAIN
R/W
12
0
Phase C VRMS Gain Regsiter.
0x27
AIGAIN
R/W
12
0
Phase A Current Gain Register. The range of the current rms calculation can be
adjusted by writing to this register. It has an adjustment range of ±50% with a
resolution of 0.0244%/LSB. Adjusting this register also scales the watt and VAR
calculation. Not for use with Mode 0 of CONSEL, COMPMODE[0:1].
0x28
BIGAIN
R/W
12
0
Phase B Current Gain Register.
0x29
CIGAIN
R/W
12
0
Phase C Current Gain Regsiter.
0x2A
AWG
R/W
12
0
Phase A Watt Gain Register. The range of the watt calculation can be adjusted by
writing to this register. It has an adjustment range of ±50% with a resolution of
0.0244%/LSB.
0x2B
BWG
R/W
12
0
Phase B Watt Gain Register.
0x2C
CWG
R/W
12
0
Phase C Watt Gain Register.
0x2D
AVARG
R/W
12
0
Phase A VAR Gain Register.The range of the VAR calculation can be adjusted by
writing to this register. It has an adjustment range of ±50% with a resolution of
0.0244%/LSB.
0x2E
BVARG
R/W
12
0
Phase B VAR Gain Register.
0x2F
CVARG
R/W
12
0
Phase C VAR Gain Register.
0x30
AVAG
R/W
12
0
Phase A VA Gain Register. The range of the VA calculation can be adjusted by
writing to this register. It has an adjustment range of ±50% with a resolution of
0.0244% / LSB.
0x31
BVAG
R/W
12
0
Phase B VA Gain Register.
0x32
CVAG
R/W
12
0
Phase C VA Gain Register.
0x33
AVRMSOS
R/W
12
0
Phase A Voltage RMS Offset Correction Register.
0x34
BVRMSOS
R/W
12
0
Phase B Voltage RMS Offset Correction Register.
0x35
CVRMSOS
R/W
12
0
Phase C Voltage RMS Offset Correction Register.
0x36
AIRMSOS
R/W
12
0
Phase A Current RMS Offset Correction Register.
0x37
BIRMSOS
R/W
12
0
Phase B Current RMS Offset Correction Register.
0x38
CIRMSOS
R/W
12
0
Phase C Current RMS Offset Correction Register.
0x39
AWATTOS
R/W
12
0
Phase A Watt Offset Calibration Register.
0x3A
BWATTOS
R/W
12
0
Phase B Watt Offset Calibration Register.
0x3B
CWATTOS
R/W
12
0
Phase C Watt Offset Calibration Register.
0x3C
AVAROS
R/W
12
0
Phase A VAR Offset Calibration Register.
0x3D
BVAROS
R/W
12
0
Phase B VAR Offset Calibration Register.
0x3E
CVAROS
R/W
12
0
Phase C VAR Offset Calibration Register.
0x3F
APHCAL
R/W
7
0
Phase A Phase Calibration Register. The phase relationship between the current
and voltage channel can be adjusted by writing to this signed 7-bit register (see
the Phase Compensation section).
0x40
BPHCAL
R/W
7
0
Phase B Phase Calibration Register.
0x41
CPHCAL
R/W
7
0
Phase C Phase Calibration Register.
0x42
WDIV
R/W
8
0
Active Energy Register Divider.
0x43
VARDIV
R/W
8
0
Reactive Energy Register Divider.
0x44
VADIV
R/W
8
0
Apparent Energy Register Divider.
0x45
APCFNUM
R/W
16
0
Active Power CF Scaling Numerator Register. The content of this register is used
in the numerator of the APCF output scaling. Bits [15:13] indicate reverse polarity
active power measurement for Phase A, Phase B, and Phase C in order, i.e., Bit 15
is Phase A, Bit 14 is Phase B, etc.
0x46
APCFDEN
R/W
12
0x3F
Active Power CF Scaling Denominator Register. The content of this register is
used in the denominator of the APCF output scaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com