Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARM-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8626ARM-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARM-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8626ARM-R2 Datasheet HTML 3Page - Analog Devices AD8626ARM-R2 Datasheet HTML 4Page - Analog Devices AD8626ARM-R2 Datasheet HTML 5Page - Analog Devices AD8626ARM-R2 Datasheet HTML 6Page - Analog Devices AD8626ARM-R2 Datasheet HTML 7Page - Analog Devices AD8626ARM-R2 Datasheet HTML 8Page - Analog Devices AD8626ARM-R2 Datasheet HTML 9Page - Analog Devices AD8626ARM-R2 Datasheet HTML 10Page - Analog Devices AD8626ARM-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 7 of 20
TEMPERATURE (
°C)
0.1
100
10
1
–50
–25
0
25
50
75
100
125
150
VSY = ±13V
VCM = 0V
Figure 8. Input Bias Current vs. Temperature
VCM (V)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–5
–4
–3
–2
–1
0
12355
VSY = +5V OR ±5V
Figure 9. Input Bias Current vs. VCM
VCM (V)
–100
0
100
200
300
400
500
600
700
800
900
1000
–15
–12
–9
–6
–3
0369
12
15
VSY = ±13V
Figure 10. Input Offset Voltage vs. VCM
VCM (V)
–500
–400
–300
–200
–100
0
100
200
300
400
500
–1
01234
VSY = 5V
Figure 11. Input Offset Voltage vs. VCM
LOAD RESISTANCE (k
Ω)
10k
100k
1M
10M
0.1
1
10
100
VSY = +5V
VSY = ±13V
Figure 12. Open-Loop Gain vs. Load Resistance
TEMPERATURE (
°C)
1
10
100
1000
–40
25
95
125
e
c
b
d
a
a. VSY = ±13V, VO = ±11V, RL = 10kΩ
b. VSY = ±13V, VO = ±11V, RL = 2kΩ
c. VSY = +5V, VO = +0.5V/+4.5V, RL = 2kΩ
d. VSY = +5V, VO = +0.5V/+4.5V, RL = 10kΩ
e. VSY = +5V, VO = +0.5V/+4.5V, RL = 600Ω
Figure 13. Open-Loop Gain vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com