Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARM-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8626ARM-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARM-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8626ARM-R2 Datasheet HTML 12Page - Analog Devices AD8626ARM-R2 Datasheet HTML 13Page - Analog Devices AD8626ARM-R2 Datasheet HTML 14Page - Analog Devices AD8626ARM-R2 Datasheet HTML 15Page - Analog Devices AD8626ARM-R2 Datasheet HTML 16Page - Analog Devices AD8626ARM-R2 Datasheet HTML 17Page - Analog Devices AD8626ARM-R2 Datasheet HTML 18Page - Analog Devices AD8626ARM-R2 Datasheet HTML 19Page - Analog Devices AD8626ARM-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 16 of 20
AD5551/AD5552
AD8627
DGND
*AD5552 ONLY
VDD
VREFF*VREFS*
OUT
SCLK
DIN
CS
AGND
5V
2.5V
UNIPOLAR
OUTPUT
LDAC*
0.1
µF
10
µF
0.1
µF
SERIAL
INTERFACE
5V
Figure 46. Unipolar Output
In applications with full 4-quadrant multiplying capability or a
bipolar output swing, the circuit in Figure 47 can be used. In
this circuit, the first and second amplifiers provide a total gain
of 2, which increases the output voltage span to 20 V. Biasing the
external amplifier with a 10 V offset from the reference voltage
results in a full 4-quadrant multiplying circuit.
ONE CHANNEL
AD5544
1/2
AD8626
DIGITAL INTERFACE CONNECTIONS
OMITTED FOR CLARITY
VSS
AGNDFAGNDX
VDD
VREFXRFBX
ADR01
VREF
10V
1/2
AD8626
–13V
+13V
–10V < VOUT < +10V
10k
Ω
5k
Ω
10k
Ω
VOUT
Figure 47. 4-Quadrant Multiplying Application Circuit
EIGHT-POLE SALLEN KEY LOW-PASS FILTER
The AD862x’s high input impedance and dc precision make it a
great selection for active filters. Due to the very low bias current
of the AD862x, high value resistors can be used to construct low
frequency filters. The AD862x’s picoamp-level input currents
contribute minimal dc errors. Figure 49 shows an example, a
10 Hz, 8-pole Sallen Key filter constructed using the AD862x.
Different numbers of the AD862x can be used depending on
the desired response, which is shown in Figure 48. The high
value used for R1 minimizes interaction with signal source
resistance. Pole placement in this version of the filter minimizes
the Q associated with the lower pole section of the filter. This
eliminates any peaking of the noise contribution of resistors in
the preceding sections, minimizing the inherent output voltage
noise of the filter.
V2
V4
V3
V1
FREQUENCY (Hz)
0.1
0
0.4
0.8
1.2
1
10
100
1k
Figure 48. Frequency Response Output at Different Stages
of the Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com