Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARM-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8626ARM-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARM-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8626ARM-R2 Datasheet HTML 5Page - Analog Devices AD8626ARM-R2 Datasheet HTML 6Page - Analog Devices AD8626ARM-R2 Datasheet HTML 7Page - Analog Devices AD8626ARM-R2 Datasheet HTML 8Page - Analog Devices AD8626ARM-R2 Datasheet HTML 9Page - Analog Devices AD8626ARM-R2 Datasheet HTML 10Page - Analog Devices AD8626ARM-R2 Datasheet HTML 11Page - Analog Devices AD8626ARM-R2 Datasheet HTML 12Page - Analog Devices AD8626ARM-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 9 of 20
FREQUENCY (Hz)
–30
–135
–90
–45
–0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
50M
VSY = 5V
RL = 2kΩ
CL = 40pF
GAIN
PHASE
Figure 20. Open Loop Gain and Phase Margin vs. Frequency
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
50M
G = 100
G = 1
G = 10
VSY = ±13V
RL = 2kΩ
CL = 40pF
Figure 21. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
50M
G = 100
G = 1
G = 10
VSY = 5V
RL = 2kΩ
CL = 40pF
Figure 22. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
VSY = ±13V
Figure 23. CMRR vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
VSY =5V
Figure 24. CMRR vs. Frequency
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
+PSRR
–PSRR
VSY = ±13V
Figure 25. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com