Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARM-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8626ARM-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARM-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8626ARM-R2 Datasheet HTML 1Page - Analog Devices AD8626ARM-R2 Datasheet HTML 2Page - Analog Devices AD8626ARM-R2 Datasheet HTML 3Page - Analog Devices AD8626ARM-R2 Datasheet HTML 4Page - Analog Devices AD8626ARM-R2 Datasheet HTML 5Page - Analog Devices AD8626ARM-R2 Datasheet HTML 6Page - Analog Devices AD8626ARM-R2 Datasheet HTML 7Page - Analog Devices AD8626ARM-R2 Datasheet HTML 8Page - Analog Devices AD8626ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Low Power
Single-Supply JFET Amplifier
AD8627/AD8626/AD8625
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
SC70 package
Very low IB: 1 pA max
Single-supply operation: 5 V to 26 V
Dual-supply operation: ±2.5 V to ±13 V
Rail-to-rail output
Low supply current: 630 µA/amp typ
Low offset voltage: 500 µV max
Unity gain stable
No phase reversal
APPLICATIONS
Photodiode amplifiers
ATE
Line-powered/battery-powered instrumentation
Industrial controls
Automotive sensors
Precision filters
Audio
GENERAL DESCRIPTION
The AD862x is a precision JFET input amplifier. It features
true single-supply operation, low power consumption, and
rail-to-rail output. The outputs remain stable with capacitive
loads of over 500 pF; the supply current is less than 630 µA/amp.
Applications for the AD862x include photodiode transimpedance
amplification, ATE reference level drivers, battery management,
both line powered and portable instrumentation, and remote
sensor signal conditioning including automotive sensors.
The AD862x’s ability to swing nearly rail-to-rail at the input
and rail-to-rail at the output enables it to be used to buffer
CMOS DACs, ASICs, and other wide output swing devices in
single-supply systems.
The 5 MHz bandwidth and low offset are ideal for precision
filters.
The AD862x is fully specified over the industrial temperature
range. (–40° to +85°) The AD8627 is available in both 5-lead
SC70 and 8-lead SOIC surface-mount packages. The SC70
packaged parts are available in tape and reel only. The AD8626
is available in an MSOP package.
PIN CONFIGURATIONS
2
3
1
4
5
OUT A
V–
+IN
V+
–IN
AD8627
5-Lead SC70
(KS Suffix)
NC
–IN
V+
2
+IN
OUT
3
V–
NC
4
NC
1
7
6
5
8
AD8627
NC = NO CONNECT
8-Lead SOIC
(R-8 Suffix)
OUT A
–IN A
OUT B
2
+IN A
–IN B
3
V–
+IN B
4
V+
1
7
6
5
8
AD8626
8-Lead SOIC
(R-8 Suffix)
V+
OUT A
OUT B
–IN A
–IN B
+IN A
+IN B
V–
AD8626
8-Lead MSOP
(RM-Suffix)
5
8
4
1
OUT A
OUT D
114
–IN A
–IN D
213
+IN A
+IN D
312
V+
V–
411
+IN B
+IN C
510
–IN B
–IN C
69
OUT B
OUT C
78
AD8625
14-Lead SOIC
(R-Suffix)
OUT D
OUT A
–IN D
–IN A
+IN D
+IN A
V–
V+
+IN C
+IN B
–IN C
–IN B
OUT C
OUT B
AD8625
14-Lead TSSOP
(RU-Suffix)
8
14
7
1
Figure 1.


Similar Part No. - AD8626ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8626ARMZ AD-AD8626ARMZ Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARMZ AD-AD8626ARMZ Datasheet
289Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARMZ-REEL AD-AD8626ARMZ-REEL Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8626ARMZ-REEL AD-AD8626ARMZ-REEL Datasheet
289Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results

Similar Description - AD8626ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com