Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARM-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8626ARM-R2
Description  Precision Low Power Single-Supply JFET Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARM-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8626ARM-R2 Datasheet HTML 4Page - Analog Devices AD8626ARM-R2 Datasheet HTML 5Page - Analog Devices AD8626ARM-R2 Datasheet HTML 6Page - Analog Devices AD8626ARM-R2 Datasheet HTML 7Page - Analog Devices AD8626ARM-R2 Datasheet HTML 8Page - Analog Devices AD8626ARM-R2 Datasheet HTML 9Page - Analog Devices AD8626ARM-R2 Datasheet HTML 10Page - Analog Devices AD8626ARM-R2 Datasheet HTML 11Page - Analog Devices AD8626ARM-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 8 of 20
OUTPUT VOLTAGE (V)
–400
–300
–200
–100
0
100
200
300
400
500
600
–15
–10
–5
0
5
10
15
VSY = ±13V
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
Figure 14. Input Error Voltage vs. Output Voltage for Resistive Loads
OUTPUT VOLTAGE FROM SUPPLY RAILS (mV)
–250
–200
–150
–100
–50
0
50
100
150
200
250
0
50
100
150
200
250
300
NEG RAIL
POS RAIL
VSY = ±5V
RL = 1kΩ
RL = 100kΩ
RL = 10kΩ
RL = 10kΩ
RL = 1kΩ
Figure 15. Input Error Voltage vs. Output Voltage within 300 mV of
Supply Rails
TOTAL SUPPLY VOLTAGE (V)
0
100
200
300
400
500
600
700
800
0
4
8
12
16
20
24
28
+125
°C
+25
°C
–55
°C
Figure 16. Quiescent Current vs. Supply Voltage at Different Temperatures
LOAD CURRENT (mA)
1
10
100
1k
10k
0.001
0.01
0.1
1
10
100
VOH
VOL
VSY = ±13V
Figure 17. Output Saturation Voltage vs. Load Current
LOAD CURRENT (mA)
1
10
100
1k
10k
0.001
0.01
0.1
1
10
100
VSY = 5V
VOL
VOH
Figure 18. Output Saturation Voltage vs. Load Current
FREQUENCY (Hz)
–30
–135
–90
–45
–0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
50M
GAIN
PHASE
VSY = ±13V
RL = 2kΩ
CL = 40pF
Figure 19. Open-Loop Gain and Phase Margin vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com