Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  High Precision Automotive Hall Effect Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 7Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 8Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 9Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 10Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 11Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 12Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 13Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 14Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLE4961-5M
Functional Description
Data Sheet
11
Revision 1.0, 2013-07-04
2.6
Default Start-up Behavior
The magnetic thresholds exhibit a hysteresis BHYS =BOP -BRP. In case of a power-on with a magnetic field B within
hysteresis (BOP >B >BRP) the output of the sensor is set to the pull up voltage level (VQ) per default. After the first
crossing of BOP or BRP of the magnetic field the internal decision logic is set to the corresponding magnetic input
value.
VDDA is the internal supply voltage which is following the external supply voltage VDD.
This means for B > BOP the output is switching, for B < BRP and BOP >B>BRP the output stays at VQ.
Figure 2-5
Illustration of the Start-up Behavior of the TLE4961-5M
t
3V
t
t
VQ
t
B > BOP
B < BRP
BOP > B > BRP
Magnetic field above threshold
Magnetic field below threshold
Magnetic field in hysteresis
Power on ramp
The device always applies
VQ level at start -up
independent from the
applied magnetic field !
VQ
VQ
VDDA
tPon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com