Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  High Precision Automotive Hall Effect Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 11Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 12Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 13Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 14Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 15Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 16Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 17Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 18Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TLE4961-5M
Specification
Data Sheet
15
Revision 1.0, 2013-07-04
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 3-3
Definition of Magnetic Field Direction PG-SOT23-3-15
Table 3-5
Magnetic Characteristics
Parameter
Symbol
T (°C)
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating point
BOP
-40
11.7
17.0
22.2
mT
25
10.3
15.0
19.8
170
7.0
10.7
14.3
Release point
BRP
-40
-22.2
-17.0
-11.7
mT
25
-19.8
-15.0
-10.3
170
-14.3
-10.7
-7.0
Hysteresis
BHYS
-40
25.4
33.9
42.4
mT
25
22.5
30.0
37.5
170
16.0
21.3
26.6
Effective noise value of the
magnetic switching points1)
1) The magnetic noise is normal distributed and can be assumed as nearly independent to frequency without sampling noise
or digital noise effects. The typical value represents the rms-value and corresponds therefore to a 1
σ probability of normal
distribution. Consequently a 3
σ value corresponds to 99.7% probability of appearance.
BNeff
25
62
μT
Temperature compensation of
magnetic thresholds2)
2) Not subject to production test, verified by design/characterization.
TC
-2000
ppm/K
Branded Side
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com