Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  High Precision Automotive Hall Effect Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 18Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 19Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 20Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 21Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 22Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 23Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 24Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 25Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 26Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
TLE4961-5M
Graphs of the Electrical Parameters
Data Sheet
24
Revision 1.0, 2013-07-04
Figure 6-11
Output Leakage Current of the TLE4961-5M over Temperature
Figure 6-12
Saturation Voltage of the TLE4961-5M over Temperature
Figure 6-13
Saturation Voltage of the TLE4961-5M over Output Current
0,1
1
10
32V
0,001
0,01
80
90
100
110
120
130
140
150
160
170
180
T [°C]
150
200
250
300
350
400
10mA
15mA
20mA
0
50
100
-50
-30
-10
10
30
50
70
90
110
130
150
T [°C]
25mA
150
200
250
300
350
400
-40°C
25°C
150°C
0
50
100
8
101214161820
22
2426
IQ [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com