Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  High Precision Automotive Hall Effect Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 8Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 9Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 10Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 11Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 12Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 13Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 14Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 15Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLE4961-5M
Specification
Data Sheet
12
Revision 1.0, 2013-07-04
3
Specification
3.1
Application Circuit
The following Figure 3-1 shows the basic option of an application circuit. Only a pull-up resisotor RQ is necessary.
An external series resistor for Vs is not needed. The resistor RQ has to be in a dimension to match the applied VS
to keep IQ limited to the operating range of maximum 25 mA.
e.g.: VS = 12 V and RQ=1200 Ω gives IQ= 12 V/1200 Ω = 10 mA.
Figure 3-1
Basic Application Circuit #1: Only Pull-Up Resistor is necessary
Figure 3-2
Enhanced Application Circuit #2: for extended ESD robustness
With an additional capacitor CDD and a transient voltage suppression (TVS) diode an extended ESD robustness
of 15kV on system level is achieved (Figure 3-2). If an increased robustness for e.g. testpulse 1 is required a serial
resistor in the suppply needs to be added (see also Chapter 3.5).
GND
Vs
RQ = 1.2kΩ
VDD
Q
GND
Vs
RQ = 1.2kΩ
CDD = 47nF
VDD
Q
TVS diode
e.g. ESD24VS2U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com