Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  High Precision Automotive Hall Effect Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 12Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 13Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 14Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 15Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 16Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 17Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 18Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 19Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TLE4961-5M
Specification
Data Sheet
16
Revision 1.0, 2013-07-04
3.5
Electro Magnetic Compatibility
Characterization of Electro Magnetic Compatibility is carried out on a sample basis from one qualification lot. Not
all specification parameters have been monitored during EMC exposure.
Figure 3-4
EMC Test Circuit
Ref: ISO 7637-2 (Version 2004), test circuit Figure 3.4 (with external resistor, RS = 100 Ω)
Ref: ISO 7637-2 (Version 2004), test circuit Figure 3.4 (without external resistor, RS = 0Ω)
Table 3-6
Magnetic Compatibility
Parameter
Symbol
Level / Type
Status
Testpulse 1
Testpulse 2a1)
Testpulse 2b
Testpulse 3a
Testpulse 3b
Testpulse 42)
Testpulse 5b3)
1) ISO 7637-2 (2004) describes internal resistance = 2 Ω (former 10 Ω).
2) According to 7637-2 for test pulse 4 the test voltage shall be 12 V +/- 0.2 V.
3) A central load dump protection of 42 V is used. Us* = 42 V-13.5 V.
VEMC
-100 V
60 V/110 V
10 V
-150 V
100 V
-7 V / -5.5 V
US = 86.5 V / US* = 28.5 V
C
A/C
C
A
A
A
A
Table 3-7
Electro Magnetic Compatibility
Parameter
Symbol
Level / Type
Status
Testpulse 1
Testpulse 2a1)
Testpulse 2b
Testpulse 3a
Testpulse 3b
Testpulse 42)
Testpulse 5b3)
1) ISO 7637-2 (2004) describes internal resistance = 2 Ω (former 10 Ω).
2) According to 7637-2 for test pulse 4 the test voltage shall be 12 V +/- 0.2 V.
3) A central load dump protection of 42 V is used. Us* = 42 V-13.5 V.
VEMC
-50 V
50 V
10 V
-150 V
100 V
-7 V / 5.5 V
US = 86.5 V / US* = 28.5 V
C
A
C
A
A
A
A
GND
Vs
RQ = 1.2kΩ
CDD = 10nF
Rs
VDD
Q
CQ = 10nF
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com