Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE Datasheet(PDF) 7 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 7 Page - Copal Electronics

Back Button ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics ATE Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
☆(白星)は、準標準品です。
☆:Semi-standard products.
▲は、お問い合せ品です。
▲:Inquiry products.
Part No. mark
Part No. mark
art No. markin
rt No. markin
Actuator shape
ON
ー
ON
ONーOFF ーON
ON
ー (ON)
(ON)
ーOFFー(ON)
ONーOFFー(ON)
Terminal style
D
E
F
G
H
2
6
7
P/C terminal
Right angle
(0.3 inch pitch)
Vertical mounting
3
Without bracket
A
 TE 2  D −  2  J   3 − 10 − Z
Series code
Number of poles
Switching function
Plastic Knob type
J
Actuator shape
Bracket style
Clip mechanism
Terminal style
Fig.
Bracket
Fig.
2 poles
1 pole
Number
of poles
1
2
Fig.
[5.08 mm is not available]
Space between terminal rows (Double pole): 2.54 mm
Code
Toggle type
TE
Type
Code
Switching function
Code Actuator shape
ATE-J
(Plastic type)
(ON)
:Momentary.
★:Made to order products.
Notes:
・Install the cap/rocker accessory after soldering and cleaning.
・Specify the shape and coloring when ordering.
・Space between terminal rows: 5.08 mm is not available.
☆:Semi-standard products.
▲:Inquiry products.
●Color cap and Rocker accessories are
sold separately.
Terminal numbers are not shown on the switch.
■Part Numbering
(Plastic cap・Rocker type)
Switching
function
Part No.
Viewed from part No. marking side
☆ATE1D-2J3-10-Z
ON
−
ON
★ATE1E-2J3-10-Z
ON
OFF
ON
▲ATE1F-2J3-10-Z
ON
−(ON)
▲ATE1G-2J3-10-Z
(ON)
OFF
(ON)
★ATE1H-2J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
★ATE2D-2J3-10-Z
ON
−
ON
▲ATE2E-2J3-10-Z
ON
OFF
ON
▲ATE2F-2J3-10-Z
ON
−(ON)
▲ATE2G-2J3-10-Z
(ON)
OFF
(ON)
▲ATE2H-2J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
★ATE1D-6J3-10-Z
ON
−
ON
▲ATE1E-6J3-10-Z
ON
OFF
ON
▲ATE1F-6J3-10-Z
ON
−(ON)
▲ATE1G-6J3-10-Z
(ON)
OFF
(ON)
▲ATE1H-6J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
▲ATE2D-6J3-10-Z
ON
−
ON
▲ATE2E-6J3-10-Z
ON
OFF
ON
▲ATE2F-6J3-10-Z
ON
−(ON)
▲ATE2G-6J3-10-Z
(ON)
OFF
(ON)
▲ATE2H-6J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
SPDT
SPDT
DPDT
DPDT
(Mount with Rocker)
(Mount with Rocker)
(Mount with CAP)
(Mount with CAP)
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)
PC Straight
PC Straight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com