Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE Datasheet(PDF) 6 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 6 Page - Copal Electronics

Back Button ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics ATE Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ATE
Switching
function
Part No.
Viewed from part No. making side
★ATE1D-6F3-10-Z
ON
−
ON
★ATE1E-6F3-10-Z
ON
OFF
ON
★ATE1F-6F3-10-Z
ON
−(ON)
☆ATE1G-6F3-10-Z
(ON)
OFF
(ON)
★ATE1H-6F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
☆ATE2D-6F3-10-Z
ON
−
ON
★ATE2E-6F3-10-Z
ON
OFF
ON
▲ATE2F-6F3-10-Z
ON
−(ON)
▲ATE2G-6F3-10-Z
(ON)
OFF
(ON)
▲ATE2H-6F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
★ATE2N-6F3-10-Z
ON
−
ON
▲ATE2P-6F3-10-Z
ON
OFF
ON
▲ATE2R-6F3-10-Z
ON
−(ON)
▲ATE2S-6F3-10-Z
(ON)
OFF
(ON)
▲ATE2T-6F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
(Mounting height : 3.1mm)
(Mounting height : 3.1mm)
(Mounting height : 5.15mm)
Switching
function
Part No.
Viewed from part No. marking side
★ATE2D-7F3-10-Z
ON
−
ON
★ATE2E-7F3-10-Z
ON
OFF
ON
★ATE2F-7F3-10-Z
ON
−(ON)
▲ATE2G-7F3-10-Z
(ON)
OFF
(ON)
▲ATE2H-7F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
★ATE1D-7F3-10-Z
ON
−
ON
▲ATE1E-7F3-10-Z
ON
OFF
ON
★ATE1F-7F3-10-Z
ON
−(ON)
▲ATE1G-7F3-10-Z
(ON)
OFF
(ON)
★ATE1H-7F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
DPDT
SPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)
Vertical mounting
Vertical mounting



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com