Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE Datasheet(PDF) 4 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 4 Page - Copal Electronics

  ATE Datasheet HTML 1Page - Copal Electronics ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATE
Switching
function
Part No.
Viewed from part No. marking side
 ATE2D-6M3-10-Z
ON
−
ON
★ATE2E-6M3-10-Z
ON
OFF
ON
★ATE2F-6M3-10-Z
ON
−(ON)
★ATE2G-6M3-10-Z (ON)
OFF
(ON)
▲ATE2H-6M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
 ATE2N-6M3-10-Z
ON
−
ON
☆ATE2P-6M3-10-Z
ON
OFF
ON
★ATE2R-6M3-10-Z
ON
−(ON)
★ATE2S-6M3-10-Z
(ON)
OFF
(ON)
★ATE2T-6M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
☆ATE1D-7M3-10-Z
ON
−
ON
☆ATE1E-7M3-10-Z
ON
OFF
ON
★ATE1F-7M3-10-Z
ON
−(ON)
★ATE1G-7M3-10-Z (ON)
OFF
(ON)
▲ATE1H-7M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
 ATE1D-2F3-10-Z
ON
−
ON
 ATE1E-2F3-10-Z
ON
OFF
ON
☆ATE1F-2F3-10-Z
ON
−(ON)
★ATE1G-2F3-10-Z
(ON)
OFF
(ON)
★ATE1H-2F3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
 ATE2D-7M3-10-Z
ON
−
ON
★ATE2E-7M3-10-Z
ON
OFF
ON
★ATE2F-7M3-10-Z
ON
−(ON)
▲ATE2G-7M3-10-Z (ON)
OFF
(ON)
▲ATE2H-7M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
DPDT
DPDT
SPDT
SPDT
DPDT
(Mounting height : 5.15mm)
(Mounting height : 3.1mm)
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
▲:Inquiry products.
Flat Toggle
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)
Vertical mounting
Vertical mounting
PC Straight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com