Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE Datasheet(PDF) 2 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 2 Page - Copal Electronics

  ATE Datasheet HTML 1Page - Copal Electronics ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(0 2 inch pich)
1−pole
2−poles
0.2 R/A
0.3 R/A
(0 3 inch pich)
ATE
■9PNO[ (UNSL ;LYTPUHSZ
■6W[PVUHS (JJLZZVYPLZ
 Refer to P.371 for PC Hole Layouts.
Part name
Bracket
Poles
Single pole
Double poles
Box size
5 mm
7.5 mm
5 mm
Type
ATE
−2M・2F
Dimensions
Part number
140000640314
140000640315
140000640318
●The space between the terminal rows are
available in two dimensions: 0.2 inches (5.08
mm) and 0.3 inches (7.62 mm).
[Example] 0.2-inch pitch: ATE1D-5M3-10-Z
0.3-inch pitch: ATE1D-6M3-10-Z
4.12
4.12
4.12
Type
ATE
−2M・5M・6M・7M
Part name
Color Cap
Dimensions
.SVZZÄUPZO
Vinyl chloride
White
140000470174
Red
140000470175
Black
140000470173
Gray
140000470179
Green
140000470177
Blue
140000470178
Orange
140000470181
Yellow
140000470176
Brown
140000470180
Switching
function
Part No.
Viewed from part No. marking side
 ATE1D-2M3-10-Z
ON
−
ON
 ATE1E-2M3-10-Z
ON
OFF
ON
 ATE1F-2M3-10-Z
ON
−(ON)
 ATE1G-2M3-10-Z (ON)
OFF
(ON)
☆ATE1H-2M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
−
2
−1
Switching
function
Part No.
Viewed from part No. marking side
 ATE2D-2M3-10-Z
ON
−
ON
☆ATE2E-2M3-10-Z
ON
OFF
ON
★ATE2F-2M3-10-Z
ON
−(ON)
☆ATE2G-2M3-10-Z (ON)
OFF
(ON)
☆ATE2H-2M3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
−
2
−1
5
−4
SPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
2.54mm/Distance between two terminal rows : 2.54mm
Standard Toggle
(ON)
:Momentary.
:Optional Accessories.
★:Made to order products.
☆:Semi-standard products.
PC Straight
PC Straight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com