Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATE Datasheet(PDF) 1 Page - Copal Electronics

Part # ATE
Description  Subminiature Toggle Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE Datasheet(HTML) 1 Page - Copal Electronics

  ATE Datasheet HTML 1Page - Copal Electronics ATE Datasheet HTML 2Page - Copal Electronics ATE Datasheet HTML 3Page - Copal Electronics ATE Datasheet HTML 4Page - Copal Electronics ATE Datasheet HTML 5Page - Copal Electronics ATE Datasheet HTML 6Page - Copal Electronics ATE Datasheet HTML 7Page - Copal Electronics ATE Datasheet HTML 8Page - Copal Electronics ATE Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Actuator shape
ON
ー
ON
ONーOFF ーON
ON
ー (ON)
(ON)
ーOFFー(ON)
ONーOFFー(ON)
Terminal style
N
P
R
S
T
D
E
F
G
H
Toggle type
1 pole
2
5
6
7
TE
PC Straight
Right angle
(0.2 inch pitch)
Right angle
(0.3 inch pitch)
Vertical mounting
3
Without bracket
2 poles
A
 TE 2  D −  2  M  3 − 10 − Z
Series code
Number of poles
Switching function
Standard
Flat toggle
M
F
Actuator shape
Bracket style
Clip mechanism
Number
of poles
Terminal style
Type
1
2
Fig.
Bracket
Fig.
Fig.
Space between terminal rows (Double pole): 5.08 mm
Space between terminal rows (Double pole): 2.54 mm
Code
Code
Switching function
Code Actuator shape
ATE
Subminiature Toggle Switch
■ :WLJPÄJH[PVUZ
Rating
Max.
50mA 60VAC
・DC 0.4VA AC、DC
Min.
1
μA 20mVAC・DC
Initial contact resistance
50m
Ω Max.
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 cycles at 0.4VA rating.
50,000 cycles at 0.4VA rating.
(D.E.N.P type)
30,000 cycles at 0.4VA rating.
(F.G.H.R.S.T type)
Mechanical life
D.E.N.P type 50,000 cycles
F.G.H.R.S.T type 30,000 cycles
Operating
temperature range
−20℃∼+85℃
Storage
temperature range
−40℃∼+85℃
■Part Numbering
(ON)
:Momentary.
RoHS Compliant
UL
Washable
■-LH[\YLZ
1. Twin-contact clip mechanism for high reliability.
2. Process sealed structure
3. Gold-plated contacts.
4. Terminal pin pitch: 2.54 mm.
5. Independent detent mechanism ensures light
operational feel.
6. UL recognized (Excluding ATE-J series with
plastic cap/rocker)


Similar Part No. - ATE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ATE MACOM-ATE Datasheet
308Kb / 3P
Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
logo
Allied Components Inter...
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
T1/CEPT/ISDN Primary Filter Module
ATE-1638S ALLIED-ATE-1638S Datasheet
354Kb / 1P
T1/E1/CEPT/ISDN-Pri Filter Module
logo
Ashcroft, Inc.
ATE-2 ASHCROFT-ATE-2 Datasheet
2Mb / 9P
ATE-2 Handheld Calibrator
RevG_01-31-23
logo
Allied Components Inter...
ATE-3204I ALLIED-ATE-3204I Datasheet
365Kb / 1P
T1/E1/CEPT/ISDN Quad Port Transformer
More results

Similar Description - ATE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
Sealed Subminiature Toggle Switches
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
Sealed Subminiature Toggle Switches
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
Sealed Subminiature Toggle Switches
logo
Copal Electronics
ATE4 COPAL-ATE4 Datasheet
578Kb / 6P
Subminiature Toggle Switch With Locking Lever
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
Ultra subminiature Toggle Switch
logo
C&K Components
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
Sealed Subminiature Toggle Switches
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
Subminiature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com