Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 7Page - Texas Instruments DAC7573IPW Datasheet HTML 8Page - Texas Instruments DAC7573IPW Datasheet HTML 9Page - Texas Instruments DAC7573IPW Datasheet HTML 10Page - Texas Instruments DAC7573IPW Datasheet HTML 11Page - Texas Instruments DAC7573IPW Datasheet HTML 12Page - Texas Instruments DAC7573IPW Datasheet HTML 13Page - Texas Instruments DAC7573IPW Datasheet HTML 14Page - Texas Instruments DAC7573IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
_
+
Resistor String
Ref+
Ref−
DAC Register
VOUT
50 kW
50 kW
VREFH
VREFL
70 kW
V
OUT
+ VREFL ) (VREFH * VREFL)
D
4096
(1)
VREFH
To Output
Amplifier
R
R
R
R
VREFL
DAC7573
SLAS398 – SEPTEMBER 2003
THEORY OF OPERATION
D/A SECTION
The architecture of the DAC7573 consists of a string DAC followed by an output buffer amplifier. Figure 29
shows a generalized block diagram of the DAC architecture.
Figure 29. R-String DAC Architecture
The input coding to the DAC7573 is unsigned binary, which gives the ideal output voltage as:
Where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 4095.
RESISTOR STRING
The resistor string section is shown in Figure 30. It is basically a divide-by-2 resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier by closing one of the switches connecting the string to the
amplifier. Because the architecture consists of a string of resistors, it is specified monotonic.
Figure 30. Typical Resistor String
Output Amplifier
The output buffer is a gain-of-2 noninverting amplifier, capable of generating rail-to-rail voltages on its output,
which gives an output range of 0V to VDD. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND.
The source and sink capabilities of the output amplifier can be seen in the typical curves. The slew rate is 1 V/µs
with a half-scale settling time of 8 µs with the output unloaded.
I2C Interface
I2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pullup structures. When the bus
is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C bus through
open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal processor,
controls the bus. The master is responsible for generating the SCL signal and device addresses. The master also
generates specific conditions that indicate the START and STOP of data transfer. A slave device receives and/or
transmits data on the bus under control of the master device.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com