Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPW Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 21Page - Texas Instruments DAC7573IPW Datasheet HTML 22Page - Texas Instruments DAC7573IPW Datasheet HTML 23Page - Texas Instruments DAC7573IPW Datasheet HTML 24Page - Texas Instruments DAC7573IPW Datasheet HTML 25Page - Texas Instruments DAC7573IPW Datasheet HTML 26Page - Texas Instruments DAC7573IPW Datasheet HTML 27Page - Texas Instruments DAC7573IPW Datasheet HTML 28Page - Texas Instruments DAC7573IPW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.ti.com
DAC7573
SLAS398 – SEPTEMBER 2003
DRIVING RESISTIVE AND CAPACITIVE LOADS
The DAC7573 output stage is capable of driving loads of up to 1000 pF while remaining stable. Within the offset
and gain error margins, the DAC7573 can operate rail-to-rail when driving a capacitive load. Resistive loads of 2
k
Ω can be driven by the DAC7573 while achieving a good load regulation. When the outputs of the DAC are
driven to the positive rail under resistive loading, the PMOS transistor of each Class-AB output stage can enter
into the linear region. When this occurs, the added IR voltage drop deteriorates the linearity performance of the
DAC. This only occurs within approximately the top 20 mV of the DAC’s digital input-to-voltage output transfer
characteristic. The reference voltage applied to the DAC7573 may be reduced below the supply voltage applied
to VDD in order to eliminate this condition if good linearity is a requirement at full scale (under resistive loading
conditions).
CROSSTALK
The DAC7573 architecture uses separate resistor strings for each DAC channel in order to achieve ultra-low
crosstalk performance. DC crosstalk seen at one channel during a full-scale change on the neighboring channel
is typically less than 0.05 LSBs. The ac crosstalk measured (for a full-scale, 1 kHz sine wave output generated at
one channel, and measured at the remaining output channel) is typically under -100 dB.
OUTPUT VOLTAGE STABILITY
The DAC7573 exhibits excellent temperature stability of
±3 ppm/°C typical output voltage drift over the specified
temperature range of the device. This enables the output voltage of each channel to stay within a
±25 µV window
for a
±1°C ambient temperature change. Combined with good dc noise performance and true 12-bit differential
linearity, the DAC7573 becomes a perfect choice for closed-loop control applications.
SETTLING TIME AND OUTPUT GLITCH PERFORMANCE
Settling time to within the 12-bit accurate range of the DAC7573 is achievable within 10 µs for a full-scale code
change at the input. Worst case settling times between consecutive code changes is typically less than 2 µs. The
high-speed serial interface of the DAC7573 is designed in order to support up to 188 ksps update rate. For
full-scale output swings, the output stage of each DAC7573 channel typically exhibits less than 100 mV of
overshoot and undershoot when driving a 200 pF capacitive load. Code-to-code change glitches are extremely
low (~10 µV) given that the code-to-code transition does not cross an Nx256 code boundary. Due to internal
segmentation of the DAC7573, code-to-code glitches occur at each crossing of an Nx256 code boundary. These
glitches can approach 100 mVs for N = 15, but settle out within ~2 µs. Sufficient bypass capacitance is required
to ensure 10 µs settling under capacitive loading.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com