Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPW Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 22Page - Texas Instruments DAC7573IPW Datasheet HTML 23Page - Texas Instruments DAC7573IPW Datasheet HTML 24Page - Texas Instruments DAC7573IPW Datasheet HTML 25Page - Texas Instruments DAC7573IPW Datasheet HTML 26Page - Texas Instruments DAC7573IPW Datasheet HTML 27Page - Texas Instruments DAC7573IPW Datasheet HTML 28Page - Texas Instruments DAC7573IPW Datasheet HTML 29Page - Texas Instruments DAC7573IPW Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
www.ti.com
REF02
15 V
5 V
1.6 mA
VDD
SCL
SDA
I2C
Interface
VOUT = 0 V to 5 V
DAC7573
DAC7573
SLAS398 – SEPTEMBER 2003
APPLICATION INFORMATION (continued)
USING REF02 AS A POWER SUPPLY FOR DAC7573
Due to the extremely low supply current required by the DAC7573, a possible configuration is to use a REF02
+5 V precision voltage reference to supply the required voltage to the DAC7573’s supply input as well as the
reference input, as shown in Figure 42. This is especially useful if the power supply is quite noisy or if the system
supply voltages are at some value other than 5 V. The REF02 outputs a steady supply voltage for the DAC7573.
If the REF02 is used, the current it needs to supply to the DAC7573 is 600 µA typical and 900 µA max for
VDD = 5 V. When a DAC output is loaded, the REF02 also needs to supply the current to the load. The total
typical current required (with a 5-k
Ω load on a single DAC output) is:
600 µA + (5 V / 5 k
Ω) = 1.6 mA
The load regulation of the REF02 is typically 0.005%/mA, which results in an error of 400 µV for 1.6 mA of
current drawn from it. This corresponds to a 0.33 LSB error for a 0 V to 5 V output range.
Figure 42. REF02 Power Supply
LAYOUT
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies.
The power applied to VDD should be well-regulated and low noise. Switching power supplies and dc/dc
converters often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output.
As with the GND connection, VDD should be connected to a positive power-supply plane or trace that is separate
from the connection for digital logic until they are connected at the power-entry point. In addition, a 1 µF to 10 µF
capacitor in parallel with a 0.1 µF bypass capacitor is strongly recommended. In some situations, additional
bypassing may be required, such as a 100 µF electrolytic capacitor or even a Pi filter made up of inductors and
capacitors—all designed to essentially low-pass filter the –5 V supply, removing the high-frequency noise.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com