Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 20Page - Texas Instruments DAC7573IPW Datasheet HTML 21Page - Texas Instruments DAC7573IPW Datasheet HTML 22Page - Texas Instruments DAC7573IPW Datasheet HTML 23Page - Texas Instruments DAC7573IPW Datasheet HTML 24Page - Texas Instruments DAC7573IPW Datasheet HTML 25Page - Texas Instruments DAC7573IPW Datasheet HTML 26Page - Texas Instruments DAC7573IPW Datasheet HTML 27Page - Texas Instruments DAC7573IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.ti.com
Resistor
String DAC
Powerdown
Circuitry
VOUT
Amplifier
Resistor
Network
DAC7573
SLAS398 – SEPTEMBER 2003
Power-Down Modes
The DAC7573 contains four separate power-down modes of operation. The modes are programmable via two
most significant bits of the MSB byte, while (CTRL[0] = PD0 = 1). Table 8 shows how the state of these bits
correspond to the mode of operation of the device.
Table 8. Power-Down Modes of Operation for the DAC7573
CTRL[0]
MSB[7]
MSB[6]
OPERATING MODE
1
0
0
High Impedance Output
1
0
1
1 k
Ω to GND
1
1
0
100 k
Ω to GND
1
1
1
High Impedance
When (CTRL[0] = PD0 = 0), the device works normally with its normal power consumption of 150 µA at 5 V per
channel. However, for the three power-down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not
only does the supply current fall but also the output stage is also internally switched from the output of the
amplifier to a resistor network of known values. This has the advantage that the output impedance of the device
is known while in power-down mode. There are three different options: The output is connected internally to GND
through a 1 k
Ω resistor, a 100 kΩ resistor or left open-circuit (high impedance). The output stage is illustrated in
Figure 39.
Figure 39. Output Stage During Power Down
All linear circuitry is shut down when the power-down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit power down is typically 2.5 µs for VDD = 5 V and 5
µs for VDD = 3 V. (See the Typical Curves section for additional information.)
The DAC7573 offers a flexible power-down interface based on channel register operation. A channel consists of
a single 12 bit DAC with power-down circuitry, a temporary storage register (TR) and a DAC register (DR). TR
and DR are both 14 bits wide. Two MSBs represent the power-down condition and the 12 LSBs represent data
for TR and DR. By using bits 13 and 14 of TR and DR, a power-down condition can be temporarily stored and
used just like data. Internal circuits ensure that MSB[7] and MSB[6] get transferred to TR[13] and TR[12] (DR[13]
and DR[12]) when the power-down flag (CTRL[0] = PD0) is set. Therefore, DAC7573 treats power-down
conditions like data and all the operational modes are still valid for power down. It is possible to broadcast a
power-down condition to all the DAC7573s in the system, or it is possible to simultaneously power down a
channel while updating data on other channels.
CURRENT CONSUMPTION
The DAC7573 typically consumes 150 µA at VDD = 5 V and 125 µA at VDD = 3 V for each active channel,
including reference current consumption. Additional current consumption can occur at the digital inputs if VIH <<
VDD. For most efficient power operation, CMOS logic levels are recommended at the digital inputs to the DAC. In
power-down mode, typical current consumption is 200 nA. A delay time of 10 to 20 ms after a power-down
command is issued to the DAC is typically sufficient for the power-down current to drop below 10 µA.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com