Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7573IPW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 11Page - Texas Instruments DAC7573IPW Datasheet HTML 12Page - Texas Instruments DAC7573IPW Datasheet HTML 13Page - Texas Instruments DAC7573IPW Datasheet HTML 14Page - Texas Instruments DAC7573IPW Datasheet HTML 15Page - Texas Instruments DAC7573IPW Datasheet HTML 16Page - Texas Instruments DAC7573IPW Datasheet HTML 17Page - Texas Instruments DAC7573IPW Datasheet HTML 18Page - Texas Instruments DAC7573IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
DAC7573
SLAS398 – SEPTEMBER 2003
Broadcast Address Byte
MSB
LSB
1
0
0
1
0
0
0
0
Broadcast addressing is also supported by DAC7573. Broadcast addressing can be used for synchronously
updating or powering down multiple DAC7573 devices. DAC7573 is designed to work with other members of the
DAC857x and DAC757x families to support multichannel synchronous update. Using the broadcast address,
DAC7573 responds regardless of the states of the address pins. Broadcast is supported only in write mode
(Master writes to DAC7573).
Control Byte
MSB
LSB
A3
A2
L1
L0
X
Sel1
Sel0
PD0
Table 1. Control Register Bit Descriptions
Bit Name
Bit Number/Description
A3
Extended Address Bit
The state of these bits must match the state of pins A3 and A2 in order for a
proper DAC7573 data update, except in broadcast update mode.
A2
Extended Address Bit
L1
Load1 (Mode Select) Bit
Are used for selecting the update mode.
L2
Load0 (Mode Select) Bit
00
Store I2C data. The contents of MS-BYTE and LS-BYTE (or power down information) are stored in the
temporary register of a selected channel. This mode does not change the DAC output of the selected
channel.
01
Update selected DAC with I2C data. Most commonly utilized mode. The contents of MS-BYTE and
LS-BYTE (or power down information) are stored in the temporary register and in the DAC register of
the selected channel. This mode changes the DAC output of the selected channel with the new data.
10
4-Channel synchronous update. The contents of MS-BYTE and LS-BYTE (or power down information)
are stored in the temporary register and in the DAC register of the selected channel. Simultaneously,
the other three channels get updated with previously stored data from the temporary register. This
mode updates all four channels together.
11
Broadcast update mode. This mode has two functions. In broadcast mode, DAC7573 responds
regardless of local address matching, and channel selection becomes irrelevant as all channels update.
This mode is intended to enable up to 64 channels simultaneous update, if used with the I2C broadcast
address (1001 0000).
If Sel1=0
All four channels are updated with the contents of their temporary register
data.
If Sel1=1
All four channels are updated with the MS-BYTE and LS-BYTE data or
powerdown.
Sel1
Buff Sel1 Bit
Channel Select Bits
Sel0
Buff Sel0 Bit
00
Channel A
01
Channel B
10
Channel C
11
Channel D
PD0
Power Down Flag
0
Normal operation
1
Power-down flag (MSB7 and MSB6 indicate a power-down operation, as shown in Table 2).
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com