Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 25 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 25 Page - ams AG

Back Button TMD27253M Datasheet HTML 21Page - ams AG TMD27253M Datasheet HTML 22Page - ams AG TMD27253M Datasheet HTML 23Page - ams AG TMD27253M Datasheet HTML 24Page - ams AG TMD27253M Datasheet HTML 25Page - ams AG TMD27253M Datasheet HTML 26Page - ams AG TMD27253M Datasheet HTML 27Page - ams AG TMD27253M Datasheet HTML 28Page - ams AG TMD27253M Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
ams Datasheet
Page 25
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Register Description
CFG0 Register (Address 0x8D)
Figure 32:
CFG0 Register
The wait timer is implemented using a down counter.
Wait time = (value +1) x 2.8ms. If WLONG is enabled then
Wait time = (value +1) x 2.8ms x 12.
Addr: 0x8D
CFG0
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
10000
RW
This field must be set to the default value.
2WLONG
0
RW
When Wait Long is asserted the wait period as set by
WTIME is increased by a factor of 12.
1:0
Reserved
0
RW
This field must be set to the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com