Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 34 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 34 Page - ams AG

Back Button TMD27253M Datasheet HTML 30Page - ams AG TMD27253M Datasheet HTML 31Page - ams AG TMD27253M Datasheet HTML 32Page - ams AG TMD27253M Datasheet HTML 33Page - ams AG TMD27253M Datasheet HTML 34Page - ams AG TMD27253M Datasheet HTML 35Page - ams AG TMD27253M Datasheet HTML 36Page - ams AG TMD27253M Datasheet HTML 37Page - ams AG TMD27253M Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Register Description
CALIB Register (Address 0xD7)
Figure 49:
CALIB Register
Proximity response in systems with electrical and optical
crosstalk may be improved by using the calibration feature.
Optical crosstalk is caused when the photodiode receives a
small portion of the LED IR which was unintentionally reflected
by a surface other than the target. Electrical offset is caused by
electrical disturbance in the sensor AFE, and also influences the
proximity result. The calibration routine adjusts the value in
registers C0 and C1 until the proximity result is as close to
BINSRCH_TARGET as possible without becoming zero.
Optical and electrical calibration function identically, except
that during an electrical calibration the proximity photodiode
is disconnected from the AFE.
Upon power-up, the device always automatically performs an
electrical calibration. However, an electrical calibration can be
initiated anytime by setting the ELECTRICAL_CALIBRATION and
START_OFFSET_CALB bits.
To perform an optical (and electrical) calibration do not set the
ELECTRICAL_CALIBRATION bit when setting the START_
OFFSET_CALIB. The CINT flag will assert after calibration has
finished.
Upon completion Proximity offset registers are automatically
loaded with calibration result.
Addr: 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
0
RO
Reserved
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
1 = electrical offset only.
0 = calibration compensates for electrical and
optical crosstalk.
4:1
Reserved
0
RW
Reserved
0
START_OFFSET_
CALIB
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com