Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 4 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 4 Page - ams AG

  TMD27253M Datasheet HTML 1Page - ams AG TMD27253M Datasheet HTML 2Page - ams AG TMD27253M Datasheet HTML 3Page - ams AG TMD27253M Datasheet HTML 4Page - ams AG TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply Voltage to Ground
-0.3
2.2
V
LEDA
LED Voltage to PGND
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
IIO
SDA, INT Output terminal
current
-1
20
mA
Electrostatic Discharge
ISCR
Input Current
(latch up immunity)
JEDEC JESD78D
± 100
mA
Class II
ESDHBM
Electrostatic Discharge
HBM JS-001-2014
± 2000
V
ESDCDM
Electrostatic Discharge
CDM JEDEC JESD22-C101F
± 500
V
Temperature Ranges and Storage Conditions
TA
Operating Ambient
Temperature
-30
85
°C
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature)
is specified according to
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-hermetic
Solid State Surface Mount
Devices.”
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity Level
3
Maximum floor life time 168 hours
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com