Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 36 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 36 Page - ams AG

Back Button TMD27253M Datasheet HTML 32Page - ams AG TMD27253M Datasheet HTML 33Page - ams AG TMD27253M Datasheet HTML 34Page - ams AG TMD27253M Datasheet HTML 35Page - ams AG TMD27253M Datasheet HTML 36Page - ams AG TMD27253M Datasheet HTML 37Page - ams AG TMD27253M Datasheet HTML 38Page - ams AG TMD27253M Datasheet HTML 39Page - ams AG TMD27253M Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Register Description
and BINSEARCH_TARGET setting of 4 causes the PDATA value
will be approximately 15 counts. This feature is useful because
it forces PDATA result to always be above zero.
The PROX_AVG field sets the number of ADC samples that are
averaged to calculate the PDATA result.
CALIBSTAT Register (Address 0xDC)
Figure 51:
CALIBSTAT Register
INTENAB Register (Address 0xDD)
Figure 52:
INTENAB Register
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved
0
CALIB_FINISHED
0
RW
This flag indicates that calibration has
finished. It can only be cleared by setting this
bit high.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
RW
ALS Saturation Interrupt Enable
6
PSIEN
0
RW
Proximity Saturation Interrupt Enable
5
PIEN
0
RW
Proximity Interrupt Enable
4
AIEN
0
RW
ALS Interrupt Enable
3
CIEN
0
RW
Calibration Interrupt Enable
2:0
Reserved
0
RW
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com