Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27253M Datasheet(PDF) 5 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 5 Page - ams AG

  TMD27253M Datasheet HTML 1Page - ams AG TMD27253M Datasheet HTML 2Page - ams AG TMD27253M Datasheet HTML 3Page - ams AG TMD27253M Datasheet HTML 4Page - ams AG TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ams Datasheet
Page 5
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics of TMD2725
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR LED.
2. This parameter indicates the supply current during periods of ALS integration. If Wait is enabled (WEN=1), the supply current is
lower during the Wait period.
3. Idle state occurs when PON=1 and all functions are not enabled.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If Sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
5. Digital pins: SDA, SCL, INT, are tolerant to a communication voltage up to 3.0V
Figure 7:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, performance will vary with temperature. Operational characteristics
are at 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency
8.0
MHz
IDD
Supply Current (1)
Active ALS State
(PON=AEN=1, PEN=0) (2)
80
150
μA
Idle State
(PON=1,AEN=PEN=0) (3)
30
60
Sleep State (4)
0.7
5
VOL
INT, SDA output low voltage
6mA sink current
0.6
V
ILEAK
Leakage current, SDA,SCL,INT
-5
5
μA
VIH
SCL, SDA input high voltage (5)
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
TActive
Time from power-on to ready
to receive I²C commands
1.5
ms
Parameter
Min
Typ
Max
Unit
VDD supply range
1.7
1.8
2.0
V
VLEDA supply voltage range
(1)
3.0
3.3
3.6
V
Voltage on pin with respect to ground; SDA, SCL, INT
-0.3
3.6
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com