Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1200 Datasheet(PDF) 21 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 17Page - Texas Instruments SC1200 Datasheet HTML 18Page - Texas Instruments SC1200 Datasheet HTML 19Page - Texas Instruments SC1200 Datasheet HTML 20Page - Texas Instruments SC1200 Datasheet HTML 21Page - Texas Instruments SC1200 Datasheet HTML 22Page - Texas Instruments SC1200 Datasheet HTML 23Page - Texas Instruments SC1200 Datasheet HTML 24Page - Texas Instruments SC1200 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MSC1200
21
SBAS289E
www.ti.com
FIGURE 12. External Crystal Connection.
XIN
XOUT
C
1
C
2
NOTE: Refer to the crystal manufacturer's specification
for C
1 and C2 values.
FIGURE 13. External Clock Connection.
XIN
External Clock
FIGURE 14. PLL Connection.
XOUT
XIN
C
1
R
S
C
2
32.768kHz
NOTE: Typical configuration is shown.
clock, or external oscillator. If an external clock is detected at
startup, then the CPU will begin execution in ECM after
startup. If an external clock is not detected at startup, then
the device will revert to the mode shown in Table II.
PLL
In Phase Lock Loop (PLL) mode (HCR2, CLKSEL = 101 or
HCR2, CLKSEL = 100), the CPU can execute from an
external 32.768 kHz crystal. This mode enables the use of a
phase-lock loop (PLL) circuit that synthesizes the selected
clock frequencies (PLL LF mode or PLL HF mode). If an
external clock is detected at startup, then the CPU will begin
execution in PLL mode after startup. If an external clock is
not detected at startup, then the device will revert to the
mode shown in Table II. The status of the PLL can be
determined by first writing the PLLLOCK bit (enable) and
then reading the PLLLOCK status bit in the PLLH SFR.
The frequency of the PLL is preloaded with default trimmed
values. However, the PLL frequency can be fine-tuned by
writing to the PLLDIV1 and PLLDIV0 SFRs. The equation for
the PLL frequency is:
PLL Frequency = ((PLLDIV9:PLLDIV0) + 1) • fOSC
where fOSC = 32.768kHz.
The default value for PLL LF mode is automatically loaded
into the PLLDIV SFR. For PLL HF mode, the user must load
PLLDIV with the appropriate value (0383H).
For different connections to external clocks, see Figures 12,
13, and 14.
SPI
The MSC1200 implements a basic SPI interface which in-
cludes the hardware for simple serial data transfers. Figure 15
shows a block digram of the SPI. The peripheral supports
master and slave mode, full duplex data transfers, both clock
polarities, both clock phases, bit order, and slave select.
FIGURE 15. SPI/I2C Block Diagram.
SPI /I2C
Data Write
SPICON
I2CCON
I2C
Stretch
Control
Counter
Start/Stop
Detect
SPI /I2C
Data Read
Pad Control
DOUT
P1.2
P1.4
P3.6
P1.3
Logic
DOUT
TX_CLK
RX_CLK
SS
SCK/SCL
CNT_CLK
CNT INT
I2C INT
DIN
CLKS
(refer to PASEL, SFR F2
H)
SS
SCK
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com