Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1200 Datasheet(PDF) 32 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 28Page - Texas Instruments SC1200 Datasheet HTML 29Page - Texas Instruments SC1200 Datasheet HTML 30Page - Texas Instruments SC1200 Datasheet HTML 31Page - Texas Instruments SC1200 Datasheet HTML 32Page - Texas Instruments SC1200 Datasheet HTML 33Page - Texas Instruments SC1200 Datasheet HTML 34Page - Texas Instruments SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MSC1200
32
SBAS289E
www.ti.com
7
6
5
4
3
2
1
0
Reset Value
SFR 81H
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
07H
SP.7-0
Stack Pointer. The stack pointer identifies the location where the stack will begin. The stack pointer is incremented before
bits 7-0
every PUSH or CALL operation and decremented after each POP or RET/RETI. This register defaults to 07H after reset.
Data Pointer Low 0 (DPL0)
Stack Pointer (SP)
DPL0.7-0
Data Pointer Low 0. This register is the low byte of the standard 8051 16-bit data pointer. DPL0 and DPH0
bits 7-0
are used to point to non-scratchpad data RAM. The current data pointer is selected by DPS (SFR 86H).
Data Pointer High 0 (DPH0)
7
6
5
4
3
2
1
0
Reset Value
SFR 82H
DPL0.7
DPL0.6
DPL0.5
DPL0.4
DPL0.3
DPL0.2
DPL0.1
DPL0.0
00H
DPH0.7-0
Data Pointer High 0. This register is the high byte of the standard 8051 16-bit data pointer. DPL0 and DPH0
bits 7-0
are used to point to non-scratchpad data RAM. The current data pointer is selected by DPS (SFR 86H).
Data Pointer Low 1 (DPL1)
7
6
5
4
3
2
1
0
Reset Value
SFR 83H
DPH0.7
DPH0.6
DPH0.5
DPH0.4
DPH0.3
DPH0.2
DPH0.1
DPH0.0
00H
DPL1.7-0
Data Pointer Low 1. This register is the low byte of the auxiliary 16-bit data pointer. When the SEL bit (DPS.0)
bits 7-0
(SFR 86H) is set, DPL1 and DPH1 are used in place of DPL0 and DPH0 during DPTR operations.
Data Pointer High 1 (DPH1)
7
6
5
4
3
2
1
0
Reset Value
SFR 84H
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
00H
DPH1.7-0
Data Pointer High. This register is the high byte of the auxiliary 16-bit data pointer. When the SEL bit (DPS.0)
bits 7-0
(SFR 86H) is set, DPL1 and DPH1 are used in place of DPL0 and DPH0 during DPTR operations.
Data Pointer Select (DPS)
7
6
5
4
3
2
1
0
Reset Value
SFR 85H
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
00H
7
6
5
4
3
2
1
0
Reset Value
SFR 86H
0
0
0
0
0
0
0
SEL
00H
SEL
Data Pointer Select. This bit selects the active data pointer.
bit 0
0: Instructions that use the DPTR will use DPL0 and DPH0.
1: Instructions that use the DPTR will use DPL1 and DPH1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com