Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1200 Datasheet(PDF) 39 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
MSC1200
39
SBAS289E
www.ti.com
7
6
5
4
3
2
1
0
Reset Value
SFR A4H
SECIP
SUMIP
ADCIP
MSECIP
I2CIP
CNTIP
ALVDIP
Unused
00H
SECIP
Second System Timer Interrupt Poll (before IRQ masking).
bit 7
0 = Seconds System Timer Interrupt Poll Inactive
1 = Seconds System Timer Interrupt Poll Active
SUMIP
Accumulator Interrupt Poll (before IRQ masking).
bits 6
0 = Accumulator Interrupt Poll Inactive
1 = Accumulator Interrupt Poll Active
ADCIP
ADC Interrupt Poll (before IRQ masking).
bits 5
0 = ADC Interrupt Poll Inactive
1 = ADC Interrupt Poll Active
MSECIP
Millisecond System Timer Interrupt Poll (before IRQ masking).
bits 4
0 = Millisecond System Timer Interrupt Poll Inactive
1 = Millisecond System Timer Interrupt Poll Active
I2CIP
I2C Interrupt Poll (before IRQ masking).
bits 3
0 = I2C Interrupt Poll Inactive
1 = I2C Interrupt Poll Active
CNTIP
Serial Bit Count Interrupt Poll (before IRQ masking).
bits 2
0 = Serial Bit Count Interrupt Poll Inactive
1 = Serial Bit Count Interrupt Poll Active
ALVDIP
Analog Low Voltage Detect Interrupt Poll (before IRQ masking).
bits 1
0 = Analog Low Voltage Detect Interrupt Poll Inactive
1 = Analog Low Voltage Detect Interrupt Poll Active
Auxilliary Interrupt Poll (AIPOL)
7
6
5
4
3
2
1
0
Reset Value
SFR 9BH
00H
SPIDATA
SPI Data Register. Data for SPI is read from or written to this location. The SPI transmit and receive buffers
bits 7-0
are separate registers, but both are addressed at this location.
I2CDATA
I2C Data Register. Data for I2C is read from or written to this location. The I2C transmit and receive buffers
bits 7-0
are separate registers, but both are addressed at this location.
SPI Data Register (SPIDATA) / I2C Data Register (I2CDATA)
DCS
Disable Serial Clock Stretch.
bit 1
0: Enable SCL Stretch (cleared by firmware or START condition)
1: Disable SCL Stretch
CNTSEL
Counter Select.
bit 0
0: Counter IRQ Set for Bit Counter = 8 (default)
1: Counter IRQ Set for Bit Counter = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com