Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1200 Datasheet(PDF) 22 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 18Page - Texas Instruments SC1200 Datasheet HTML 19Page - Texas Instruments SC1200 Datasheet HTML 20Page - Texas Instruments SC1200 Datasheet HTML 21Page - Texas Instruments SC1200 Datasheet HTML 22Page - Texas Instruments SC1200 Datasheet HTML 23Page - Texas Instruments SC1200 Datasheet HTML 24Page - Texas Instruments SC1200 Datasheet HTML 25Page - Texas Instruments SC1200 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
MSC1200
22
SBAS289E
www.ti.com
The timing diagram for supported SPI data transfers is
shown in Figure 16.
The I/O pins needed for data transfer are Data In (DIN), Data
Out (DOUT) and serial clock (SCK). The slave select (SS)
pin can also be used to control the output of data on DOUT.
The DIN pin is used for shifting data in for both master and
slave modes.
The DOUT pin is used for shifting data out for both master
and slave modes.
The SCK pin is used to synchronize the transfer of data for
both master and slave modes. SCK is always generated by
the master. The generation of SCK in master mode can be
done in SW by simply toggling the port pin, or the generation
of SCK can be accomplished by configuring the output on the
SCK pin via PASEL (SFR F2H). A list of the most common
methods of generating SCK follows, but the complete list of
clock sources can be found by referring to the PASEL SFR.
• Toggle SCK by setting and clearing the port pin.
• Memory Write Pulse (WR) which is idle high. Whenever a
external memory write command (MOVX) is executed then a
pulse is seen on P3.6. This method can be used only if CPOL
is set to ‘1’.
• Memory Write Pulse toggle version: In this mode, SCK
toggles whenever an external write command (MOVX) is
executed.
• T0_Out signal can be used as a clock. A pulse is generated
on SCK whenever Timer 0 expires. The idle state of the
signal is low, so this can be used only if CPOL is cleared to
‘0’.
• T0_Out Toggle: SCK toggles whenever Timer 0 expires.
• T1_Out signal can be used as a clock. A pulse is generated
whenever Timer 1 expires. The idle state of the signal is low,
so this can be used only if CPOL is cleared to ‘0’.
• T1_Out Toggle: SCK toggles whenever Timer 1 expires.
The SS pin can be used to control the output of data on
DOUT when the MSC1200 is in slave mode. The SS function
is enabled or disabled by the ESS bit of the SPICON SFR.
When enabled, the SS input of a slave device must be
externally asserted before a master device can exchange
data with the slave device. SS must be low before data
transactions and must stay low for the duration of the
transaction. When SS is high then data will not be shifted into
the shift register nor will the counter increment. When SPI is
enabled, SS also controls the drive of the line DOUT (P1.2).
When SS is low in slave mode, the DOUT pin will be driven
and when SS is high then DOUT will be high impedance.
The SPI generates an interrupt ECNT (AIE.2) to indicate that
the transfer/reception of the byte is complete. The interrupt
goes high whenever the counter value is equal to 8 (indicat-
ing that 8 SCKs have occurred). The interrupt is cleared on
reading or writing to the SPIDATA register. During the data
transfer, the actual counter value can be read from the
SPICON SFR.
Power Down
The SPI is powered down by the PDSPI bit in the power
control register (PDCON). This bit needs to be cleared to
enable the SPI function. When the SPI is powered down the
pins P1.2, P1.3, P1.4, and P3.6 revert to general-purpose
I/O pins.
Application Flow
Explained below are the steps of the typical application
usage flow of SPI in master and slave mode:
Master Mode Application Flow
1. Configure the port pins.
2. Configure the SPI.
3. Assert SS to enable slave communications (if applicable).
4. Write data to SPIDATA.
5. Generate 8 SCKs.
6. Read the received data from SPIDATA.
FIGURE 16. SPI Timing Diagram.
1) SS Asserted
2) First SCK Edge
3) CNTIF Set (dependent on CPHA bit)
4) SS Negated
SCK Cycle #
MSB
6
54321
LSB
MSB
6
54321
LSB
Slave CPHA = 0 Transfer in Progress
2
4
3
1
123
45
6
7
8
Slave CPHA = 1 Transfer in Progress
Sample Input
(CPHA = 0) Data Out
(CPHA = 1) Data Out
Sample Input
SS to Slave
SCK (CPOL = 0)
SCK (CPOL = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com