Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1200 Datasheet(PDF) 4 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 4 Page - Texas Instruments

  SC1200 Datasheet HTML 1Page - Texas Instruments SC1200 Datasheet HTML 2Page - Texas Instruments SC1200 Datasheet HTML 3Page - Texas Instruments SC1200 Datasheet HTML 4Page - Texas Instruments SC1200 Datasheet HTML 5Page - Texas Instruments SC1200 Datasheet HTML 6Page - Texas Instruments SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MSC1200
4
SBAS289E
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications from TMIN to TMAX, AVDD = +3V, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF ≡ (REF IN+) – (REF IN–) = +1.25V,
unless otherwise noted.
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0-AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 50mV
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–)
±V
REF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA
M
Ω
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 • fDATA
Sinc2 Filter
–3dB
0.318 • fDATA
Sinc3 Filter
–3dB
0.262 • fDATA
Programmable Gain Amplifier
User-Selectable Gain Ranges
1
128
Input Capacitance
Buffer On
7
pF
Input Leakage Current
Multiplexer Channel Off, T = +25
°C
0.5
pA
Burnout Current Sources
Buffer ON
±2
µA
ADC OFFSET DAC
Offset DAC Range
±V
REF/(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
0.6
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
ENOB
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input
±0.0004
±0.0015
%FSR
Offset Error
After Calibration
1.3
ppm of FS
Offset Drift(1)
Before Calibration
0.02
ppm of FS/
°C
Gain Error(2)
After Calibration
0.005
%
Gain Error Drift(1)
Before Calibration
0.5
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
–50
50
% of FS
Common-Mode Rejection
At DC
100
130
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = –20log(DVOUT/DVDD)(3)
88
dB
VOLTAGE REFERENCE INPUTS
Reference Input Range
REF IN+, REF IN–
AGND
AVDD(2)
V
VREF
VREF ≡ (REF IN+) – (REF IN–)
0.3
1.25
AVDD
V
Common-Mode Rejection
At DC
110
dB
Input Current
VREF = 1.25V, PGA = 1
0.5
µA
ON-CHIP VOLTAGE REFERENCE
Output Voltage
VREFH = 0 at +25
°C
1.25
V
Short-Circuit Current Source
4mA
Short-Circuit Current Sink
5
µA
Short-Circuit Duration
Sink or Source
Indefinite
Startup Time from Power ON
0.2
ms
Temperature Sensor
Temperature Sensor Voltage
T = +25
°C
115
mV
Temperature Sensor Coefficient
375
µV/°C
IDAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
1mA
Maximum Short-Circuit Current Duration
Indefinite
Compliance Voltage
AVDD – 1.5
V
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD
2.7
3.0
3.6
V
Analog Current
Analog OFF, ALVD OFF, PDADC = PDIDAC = 1
< 1
nA
ADC Current
IADC
PGA = 1, Buffer OFF
150
µA
PGA = 128, Buffer OFF
380
µA
PGA = 1, Buffer ON
200
µA
PGA = 128, Buffer ON
610
µA
VREF Supply Current
IVREF
ADC ON
330
µA
IDAC Supply Current
IIDAC
IDAC = 00H
220
µA
NOTES: (1) Calibration can minimize these errors. (2) The gain calibration cannot have a REF IN+ of more than AVDD – 1.5V with buffer ON. To calibrate gain,
turn buffer off. (3) DVOUT is change in digital result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com